Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9489 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ML9489
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9489 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ML9489 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
FEDL9489-02
ML9489
16/32
• Data configuration (I2C interface)
For the I2C interface, each IC is assigned with a 7-bit slave address. The first one byte in the transfer consists of
this 7-bit slave address and the R/W bit that indicates the data transfer direction. Always input "0" to the eighth
R/W bit because the ML9489 is a write-only LSI.
The eight bits next to the slave address is a control byte. The first one bit is CO: consecutive command setting bit
and the next one bit is RS: command/data setting bit (the remaining six bits are the Don't care bits).
When CO = "0": Means the last control byte.
When CO = "1": Means the control bytes are successively input.
When RS = "0": Means the data to be input next is the command data.
When RS = "1": Means the data to be input next is the display data.
The display data can be successively input.
Example of Data Setting
When inputting two commands
When inputting the command and display data
R/W
S
01
1001 SA0 0
A CO RS
A MSB
LSB
P
Salve address: 0 1 1 0 0 1
CO: Consecutive control byte setting bit
0: Last control byte, 1: Consecutive control byte
RS: Command/data setting bit
0: Command data, 1: Display data
Slave address
Control byte
DATA/Command
When inputting two commands
S
01
1001 SA0 0
A
10
AA
00
AA
P
COMMAND
COMMAND
S
01
1001 SA0 0
A
10
AA
01
AA
A
AA
A
P
Display data
Display data
COMMAND
Display data
Display data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com