Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2JAD-R Datasheet(PDF) 10 Page - STMicroelectronics

Part # STBB2JAD-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2JAD-R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STBB2JAD-R Datasheet HTML 6Page - STMicroelectronics STBB2JAD-R Datasheet HTML 7Page - STMicroelectronics STBB2JAD-R Datasheet HTML 8Page - STMicroelectronics STBB2JAD-R Datasheet HTML 9Page - STMicroelectronics STBB2JAD-R Datasheet HTML 10Page - STMicroelectronics STBB2JAD-R Datasheet HTML 11Page - STMicroelectronics STBB2JAD-R Datasheet HTML 12Page - STMicroelectronics STBB2JAD-R Datasheet HTML 13Page - STMicroelectronics STBB2JAD-R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical performance characteristics
STBB2
10/25
DocID022745 Rev 9
6
Typical performance characteristics
Figure 6. Maximum output current vs. input voltage
Table 7. Table of graphs
Maximum output
current
vs. input voltage
Figure 5
Efficiency
vs. output current (power save enabled, VIN = 2.5 V, 3.6 V, 4.5 V/VOUT = 3.4 V)
Figure 6
vs. output current (power save disabled, VOUT = 2.5 V, 3.6 V, 4.5 V/
VOUT = 3.4 V)
Figure 7
vs. output current (power save enabled, VIN = 2.5 V, 3.6 V, 4.5 V/VOUT = 2.9 V)
Figure 8
vs. output current (power save disabled, VOUT = 2.5 V, 3.6 V, 4.5 V/
VOUT = 2.9 V)
Figure 9
vs. input voltage power save enabled, VOUT = 3.4 V, IOUT = (10; 50; 150; 500;
800 mA)
Figure 10
vs. input voltage power save disabled, VOUT = 3.4 V, IOUT = (10; 500; 1000;
2000 mA)
Figure 12
vs. output current (PWM/Auto mode)
Figure 13
Waveforms
Load transient response VIN < VOUT
Figure 14
Load transient response VIN > VOUT
Figure 15
Line transient response (VOUT = 3.3 V, IOUT = 1500 mA)
Figure 16
Startup after enable (VOUT = 3.3 V, VIN = 2.4 V, IOUT = 300 mA)
Figure 17
Startup after enable (VOUT = 3.3 V, VIN = 4.2 V, IOUT = 300 mA)
Figure 18
AM10444v1
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2
2.5
3
3.5
4
4.5
5
5.5
VIN [V]
VOUT = 2.9 V
VOUT = 3.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com