Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2JAD-R Datasheet(PDF) 5 Page - STMicroelectronics

Part # STBB2JAD-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2JAD-R Datasheet(HTML) 5 Page - STMicroelectronics

  STBB2JAD-R Datasheet HTML 1Page - STMicroelectronics STBB2JAD-R Datasheet HTML 2Page - STMicroelectronics STBB2JAD-R Datasheet HTML 3Page - STMicroelectronics STBB2JAD-R Datasheet HTML 4Page - STMicroelectronics STBB2JAD-R Datasheet HTML 5Page - STMicroelectronics STBB2JAD-R Datasheet HTML 6Page - STMicroelectronics STBB2JAD-R Datasheet HTML 7Page - STMicroelectronics STBB2JAD-R Datasheet HTML 8Page - STMicroelectronics STBB2JAD-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID022745 Rev 9
5/25
STBB2
Absolute maximum ratings
3
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN, VINA, VINA1
Supply voltage
-0.3 to 7.0
V
SW1,SW2
Switching nodes
-0.3 to 7.0
V
VOUT
Output voltage
-0.3 to 7.0
V
MODE, EN, BP, VSEL
Logic pins
-0.3 to 7.0
V
FB
Feedback pin
-0.3 to 6.0
V
ESD
Human body model
± 2000
V
Charged device model
± 500
TAMB
Operating ambient temperature
-40 to 85
°C
TJ
Maximum operating junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
80 (1)
°C/W
1.
PCB condition: JEDEC standard 2s2P(4-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com