Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2JAD-R Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBB2JAD-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2JAD-R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBB2JAD-R Datasheet HTML 8Page - STMicroelectronics STBB2JAD-R Datasheet HTML 9Page - STMicroelectronics STBB2JAD-R Datasheet HTML 10Page - STMicroelectronics STBB2JAD-R Datasheet HTML 11Page - STMicroelectronics STBB2JAD-R Datasheet HTML 12Page - STMicroelectronics STBB2JAD-R Datasheet HTML 13Page - STMicroelectronics STBB2JAD-R Datasheet HTML 14Page - STMicroelectronics STBB2JAD-R Datasheet HTML 15Page - STMicroelectronics STBB2JAD-R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Typical performance characteristics
STBB2
12/25
DocID022745 Rev 9
Figure 10. Efficiency vs. output current (power save mode disabled VOUT = 2.9 V)
Figure 11. Efficiency vs. input voltage (power save enabled, VOUT = 3.4 V)
Figure 12. Efficiency vs. input voltage (power save disabled, VOUT = 3.4 V)
AM10439v1
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IOUT [mA]
Vin=2.5V
Vin=3.6V
Vin=4.5V
VOUT = 2.9 V
Power save mode disabled
AM10440v1
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN [V]
Iout = 10 mA
Iout = 50 mA
Iout = 150 mA
Iout = 500 mA
Iout = 800 mA
Power save mode
VOUT = 3.4 V
AM10441v1
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN [V]
Iout=10 mA
Iout=50 mA
Iout =150 mA
Iout=500 mA
Iout=800 mA
Power save mode
VOUT = 3.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com