Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2JAD-R Datasheet(PDF) 24 Page - STMicroelectronics

Part # STBB2JAD-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2JAD-R Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STBB2JAD-R Datasheet HTML 17Page - STMicroelectronics STBB2JAD-R Datasheet HTML 18Page - STMicroelectronics STBB2JAD-R Datasheet HTML 19Page - STMicroelectronics STBB2JAD-R Datasheet HTML 20Page - STMicroelectronics STBB2JAD-R Datasheet HTML 21Page - STMicroelectronics STBB2JAD-R Datasheet HTML 22Page - STMicroelectronics STBB2JAD-R Datasheet HTML 23Page - STMicroelectronics STBB2JAD-R Datasheet HTML 24Page - STMicroelectronics STBB2JAD-R Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Revision history
STBB2
24/25
DocID022745 Rev 9
10
Revision history
Table 11. Document revision history
Date
Revision
Changes
27-Jan-2012
1
First release.
27-Mar-2012
2
Datasheet promoted from preliminary data to production data.
Removed: order code STBB2J28-R Table 1 on page 1.
09-May-2012
3
Modified: marking BB2 Table 1 on page 1, description pin B4 and D4 Table 5
on page 6.
26-Jul-2012
4
Modified: C2 value Table 2 on page 3.
Updated: Figure 20, Figure 21 and Figure 22 on page 21.
19-Sep-2012
5
Modified: Figure 2 on page 3.
06-Mar-2013
6
Added: new order code STBB2J33-R Table 1 on page 1.
17-Dec-2013
7
Changed order code from the STBB2J33-R to the STBB2J30-R in Table 1:
Device summary and in Table 9: Output selection.
Changed VOPP-PS typ. value from 100 to 130 in Table 6: Electrical
characteristics.
Minor text changes.
20-Jan-2014
8
Updated mechanical data.
12-Feb-2014
9
Updated Features and Description in cover page.
Changed typ. and max. values of VUVLO parameter in Table 6.
Changed VIN min. value in Table 6.
Changed VIN test conditions of Iq parameter in Table 6.
Changed IPK min. value in Table 6.
Updated Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com