Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2JAD-R Datasheet(PDF) 16 Page - STMicroelectronics

Part # STBB2JAD-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2JAD-R Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STBB2JAD-R Datasheet HTML 12Page - STMicroelectronics STBB2JAD-R Datasheet HTML 13Page - STMicroelectronics STBB2JAD-R Datasheet HTML 14Page - STMicroelectronics STBB2JAD-R Datasheet HTML 15Page - STMicroelectronics STBB2JAD-R Datasheet HTML 16Page - STMicroelectronics STBB2JAD-R Datasheet HTML 17Page - STMicroelectronics STBB2JAD-R Datasheet HTML 18Page - STMicroelectronics STBB2JAD-R Datasheet HTML 19Page - STMicroelectronics STBB2JAD-R Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
General description
STBB2
16/25
DocID022745 Rev 9
7.3
Bypass operation
In bypass mode the output is connected directly to the battery by two P-channels and the
inductor. The bypass function has been implemented in order to save energy when the
application is in idle mode. At light load condition, the device can be in bypass mode to
reduce the current drained from the battery. In bypass mode the quiescent current is around
5 µA. Without bypass function, the buck-boost works in pulse-skipping mode with around 50
µA of current consumption. The device can be placed in bypass mode by the BYP pin.
7.4
VSEL pin operation
For the fixed output voltage version, the FB pin must be connected to the VOUT pin. Fixed
output voltage versions have two different output voltages programmed internally which are
selected by programming high or low at VSEL. The higher output voltage is selected by
programming VSEL high and the lower output voltage is selected by programming VSEL
low. This feature is not present in the adjustable version, where the VSEL pin must be
connected to VINA.
Table 8. Bypass and enable matrix
EN
BP
MODE
Status
00
0
Shutdown
00
1
Shutdown
01
0
Shutdown
01
1
Shutdown
1
0
0
Auto mode
10
1
PWM mode
1
1
0
Bypass
1
1
1
Bypass
Table 9. Output selection
P/N
VSEL
VOUT
STBB2J-29
Low
2.9 V
High
3.4 V
STBB2J-30
Low
3.0 V
High
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com