Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFA Datasheet(PDF) 10 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 10 Page - Numonyx B.V

Back Button JS28F256P33BFA Datasheet HTML 6Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 7Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 8Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 9Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 10Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 11Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 12Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 13Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Conversion Guide: P33 130nm to 65nm
Application Note
Sep 2008
10
Order Number: 320005-04
4.3
DC Current Specification
The P33 65nm device consumes higher power than the P33 130nm device in standby
mode under MAX condition.
Table 4:
Key AC Write-Erase Specification Comparison
Features / Specifications
P33 130nm
P33 65nm
Program Performance
Program Buffer Size
64 Bytes
1024 Bytes
Single Word Program Time (typ/max)
90/200 µs
150/456 µs
Aligned 32-word Buffered Program Time (typ)
145 KBytes/s (VPPL)
188 KByte/s (VPPH)
364 KBytes/s
Aligned 64-word Buffered Program Time (typ)
—
593 KBytes/s
Aligned 128-word Buffered Program Time (typ)
—
941 KBytes/s
Aligned 256-word Buffered Program Time (typ)
—
1.29 MBytes/s
Aligned 512-word Buffered Program Time (typ)
—
1.46 MBytes/s
BEFP Environment Requirement
25 °C +/- 5 °C
100 P/E cycles
30 °C +/- 10 °C
50 P/E cycles
BEFP Time
188KB/s
2.0MB/s
Erase Performance
Erase Time - 16KW Param. Block (typ/max)
0.4/2.5 s
0.8/4.0 s
Erase Time - 64KW Main Block (typ/max)
0.8/4.0 s
0.8/4.0 s
Program/Erase Suspend Latency (typ)
20 µs
20 µs
Blank Check
No
Yes
Table 5:
Key DC Read Specification Comparison
Features / Specifications
P33 130nm
P33 65nm
DC Current Characteristics
Standby Current (typ/max)
70/195 µA (256-Mbit)
65/210 µA (256-Mbit)
Continuous Burst Read Current (max)
28 mA (52 MHz)
24 mA (52 MHz)
Program/Erase Current (typ/max)
35/50 mA
35/50 mA
VPP Factory Program Current (max)
22 mA
Less than 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com