Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFA Datasheet(PDF) 17 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 17 Page - Numonyx B.V

Back Button JS28F256P33BFA Datasheet HTML 10Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 11Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 12Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 13Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 14Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 15Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 16Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 17Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 18Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Application Note
Sep 2008
17
Order Number: 320005-04
Conversion Guide: P33 130nm to 65nm
6.0
Conversion Considerations
P33 65nm has a larger program buffer size to greatly improves the write performance.
Users should use appropriate program and read modes to take advantage of this
improved performance.
Appendix A Additional Information
Order/Document
Number
Document/Tool
314749
NumonyxTM StrataFlash® Embedded Memory (P33-130nm) Datasheet
320003
NumonyxTM StrataFlash® Embedded Memory (P33-65nm) Datasheet
Note:
Contact your local Numonyx or distribution sales office or visit Numonyx’s World Wide Web home page at http://
www.Numonyx.com for technical documentation, tools, and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com