Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFA Datasheet(PDF) 16 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 16 Page - Numonyx B.V

Back Button JS28F256P33BFA Datasheet HTML 10Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 11Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 12Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 13Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 14Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 15Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 16Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 17Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 18Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Conversion Guide: P33 130nm to 65nm
Application Note
Sep 2008
16
Order Number: 320005-04
5.7
Performance Improvements in P33 65nm
The write performance can be increased on P33 65nm by using the 1024 Byte/512
Word buffer. If buffered programming is being done using the 16 word buffer (similar to
130nm devices), no software changes need to be implemented.
To achieve maximum performance using the 1024 Byte/ 512 Word buffer on 65nm
devices, the following considerations apply during software modifications:
1. Use the Full 1024 Byte/ 512 Word Buffer
2. If 1024 Byte/ 512 Word Buffer is being used, the programming addresses should be
aligned in 512 word address boundaries. For example: Start Programming address is
000000h and End Programming Address is 0001FFh. Please refer to Figure 3.
3. If the addresses must be mis-aligned, they must be in chunks of 256 Words. For
example: Start Programming Address to Start Programming Address + 0000FFh (256
Words). Please refer to Figure 3.
The Read performance can be improved by providing read page buffer up to 16 Words
(P+1Dh).
Table 11: Value Changes
Num
Difference
130nm
65nm
offset
value
offset
Values
1
“n” such that typical max. buffer write time-out = 2n µ-sec
20h
512
20h
1024
2
“n” such that maximum buffer write time-out = 2n times typical
24h
1024
24h
4096
3
“n” such that maximum number of bytes in write buffer = 2n
2Ah
64
2Ah
1024
4
Page Mode Read capability
bits 0–7 = “n” such that 2n HEX value represents the number of
read-page bytes. See offset 28h for device word width to
determine page-mode data output width. 00h indicates no
read page buffer.
(P+1D)h
8
(P+1D)h
32
Figure 5: Main Array Representation
256
Words
000000h
000200h
0003FFh
Main Array Representation
512
Words
512
Words
256
Words
0001FFh
256
Words
256
Words
FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com