Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFA Datasheet(PDF) 14 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 14 Page - Numonyx B.V

Back Button JS28F256P33BFA Datasheet HTML 10Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 11Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 12Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 13Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 14Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 15Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 16Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 17Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 18Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Conversion Guide: P33 130nm to 65nm
Application Note
Sep 2008
14
Order Number: 320005-04
5.5.2
WAIT State P33 130nm
After encountering an EOWL situation, periodic WAIT states can occur in general as
illustrated in Figure 4, “Periodic WAIT State Timing Diagram” on page 15.
Figure 10, “Periodic Data and WAIT State Comparison” on page 15 shows that P33
130nm has periodic WAIT states, but P33 65nm does not.
Figure 3: End of Wordline Timing Diagram
Table 9:
End of Wordline Data and WAIT State Comparison
Latency Count
P33 130nm
P33 65nm
Data States
WAIT States
Data States
WAIT States
1
Not Supported
Not Supported
Not Supported
Not Supported
24
0 to 1
Not Supported
Not Supported
34
0 to 2
16
0 to 2
44
0 to 3
16
0 to 3
54
0 to 4
16
0 to 4
64
0 to 5
16
0 to 5
74
0 to 6
16
0 to 6
8
Not Supported
Not Supported
16
0 to 7
9
16
0 to 8
10
16
0 to 9
11
16
0 to 10
12
16
0 to 11
13
16
0 to 12
14
16
0 to 13
15
16
0 to 14
A[Max:1]
ADV#
OE#
WAIT
DQ[15:0]
Data
Data
Data
EOW L
CLK
Latency Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com