Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFA Datasheet(PDF) 11 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 11 Page - Numonyx B.V

Back Button JS28F256P33BFA Datasheet HTML 7Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 8Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 9Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 10Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 11Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 12Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 13Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 14Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Application Note
Sep 2008
11
Order Number: 320005-04
Conversion Guide: P33 130nm to 65nm
5.0
Flash Software Design Considerations
The following sections discuss software design considerations when converting from the
P33 130nm device to the P33 65nm device.
5.1
Device Identification
The P33 130nm and P33 65nm flash devices have identical device identification codes.
5.2
Read Configuration Register (RCR)
Read configurations for both the P33 130nm and P33 65nm devices are configured
using the Read Configuration Register (RCR). For example, to place the device in
synchronous burst-read mode, you set the read mode bit in the RCR. The P33 65nm
RCR includes the following modifications to the RCR:
• Latency Count RCR[14:11]: an additional bit, RCR14, has been added to the P33
65nm device; RCR14 was reserved on P33 130nm. P33 65nm supports latency
counts of 8, 9, 10, 11, 12, 13, 14, and 15.
•WAIT Polarity RCR[10]: P33 130nm default setting high and P33 65nm default
setting is low.
• Data Hold RCR[9]: P33 130nm supports 1-clock or 2-clock cycle data hold. RCR[9] is
reserved for P33 65nm and supports a data hold of one cycle only.
•WAIT Delay RCR[8]: Same values for P33 130nm and P33-65nm.
• Burst Sequence RCR[7]: P33 130nm supports Linear “1” and Intel “0” burst order.
P33 65nm supports linear “0” only. Setting P33 65nm to “1” will not affect the burst
order; the burst order will always be linear.
• Clock Edge RCR[6]: Same values for P33 130nm and P33 65nm.
• Reserved RCR[5:4]: Same values for P33 130nm and P33 65nm.
•Burst Wrap RCR[3]: Same values for P33 130nm and P33 65nm.
• Burst Length RCR[2:0]: Same values for P33 130nm and P33 65nm.
Note:
The differences are summarized in the table below.
Table 6:
P33 Device ID Codes
Code Type
Address
Offset
Device
Density
P33-130nm Codes
P33-65nm Codes
Top
Bottom
Top
Bottom
Device Identification
0x01
256 Mbit
891F
8922
891F
8922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com