Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFA Datasheet(PDF) 3 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 3 Page - Numonyx B.V

  JS28F256P33BFA Datasheet HTML 1Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 2Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 3Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 4Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 5Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 6Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 7Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 8Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Application Note
Nov 2008
3
Order Number: 320005-04
Conversion Guide: P33 130nm to 65nm
Contents
1.0
Introduction ..............................................................................................................5
2.0
Device Overview........................................................................................................5
2.1
P33 130nm Device ..............................................................................................5
2.2
P33 65nm Device ................................................................................................5
2.3
P33 130nm and 65nm Features Comparison ...........................................................6
3.0
Device Packaging and Ballout ....................................................................................7
3.1
Easy BGA Ballout.................................................................................................7
3.2
TSOP Pinout .......................................................................................................8
4.0
Hardware Design Considerations ...............................................................................9
4.1
AC Read Specifications.........................................................................................9
4.2
AC Write/Erase Specifications ...............................................................................9
4.3
DC Current Specification .................................................................................... 10
5.0
Flash Software Design Considerations ..................................................................... 11
5.1
Device Identification .......................................................................................... 11
5.2
Read Configuration Register (RCR) ...................................................................... 11
5.3
Blank Check ..................................................................................................... 12
5.4
Device Commands............................................................................................. 13
5.5
WAIT State Comparison ..................................................................................... 13
5.5.1
WAIT State P33 65nm............................................................................. 13
5.5.2
WAIT State P33 130nm ........................................................................... 14
5.6
CFI Differences ................................................................................................. 15
5.6.1
CFI revision ........................................................................................... 15
5.6.2
Time-out changes................................................................................... 15
5.7
Performance Improvements in P33 65nm ............................................................. 16
6.0
Conversion Considerations ...................................................................................... 17
A
Additional Information ............................................................................................ 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com