Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5157 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS5157
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5157 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

Back Button CS5157 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 10Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
V2
TM Control Method
The V2
TM method of control uses a ramp signal that is gen-
erated by the ESR of the output capacitors. This ramp is
proportional to the AC current through the main inductor
and is offset by the value of the DC output voltage. This
control scheme inherently compensates for variation in
either line or load conditions, since the ramp signal is gen-
erated from the output voltage itself. This control scheme
differs from traditional techniques such as voltage mode,
which generates an artificial ramp, and current mode,
which generates a ramp from inductor current.
Figure 1: V2
TM Control Diagram
The V2
TM control method is illustrated in Figure 1. The out-
put voltage is used to generate both the error signal and the
ramp signal. Since the ramp signal is simply the output
voltage, it is affected by any change in the output regard-
less of the origin of that change. The ramp signal also con-
tains the DC portion of the output voltage, which allows
the control circuit to drive the main switch to 0% or 100%
duty cycle as required.
A change in line voltage changes the current ramp in the
inductor, affecting the ramp signal, which causes the V2
TM
control scheme to compensate the duty cycle. Since the
change in inductor current modifies the ramp signal, as in
current mode control, the V2
TM control scheme has the same
advantages in line transient response.
A change in load current will have an affect on the output
voltage, altering the ramp signal. A load step immediately
changes the state of the comparator output, which controls
the main switch. Load transient response is determined
only by the comparator response time and the transition
speed of the main switch. The reaction time to an output
load step has no relation to the crossover frequency of the
error signal loop, as in traditional control methods.
The error signal loop can have a low crossover frequency,
since transient response is handled by the ramp signal loop.
The main purpose of this ‘slow’ feedback loop is to provide
DC accuracy. Noise immunity is significantly improved,
since the error amplifier bandwidth can be rolled off at a low
frequency. Enhanced noise immunity improves remote sens-
ing of the output voltage, since the noise associated with
long feedback traces can be effectively filtered.
Line and load regulation are drastically improved because
there are two independent voltage loops. A voltage mode
controller relies on a change in the error signal to compen-
sate for a deviation in either line or load voltage. This
change in the error signal causes the output voltage to
change corresponding to the gain of the error amplifier,
which is normally specified as line and load regulation. A
current mode controller maintains fixed error signal under
deviation in the line voltage, since the slope of the ramp
signal changes, but still relies on a change in the error sig-
nal for a deviation in load. The V2
TM method of control
maintains a fixed error signal for both line and load varia-
tion, since the ramp signal is affected by both line and load.
Constant Off Time
To maximize transient response, the CS5157 uses a constant
off time method to control the rate of output pulses. During
normal operation, the off time of the high side switch is ter-
minated after a fixed period, set by the COFF capacitor. To
maintain regulation, the V2
TM control loop varies switch on
time. The PWM comparator monitors the output voltage
ramp, and terminates the switch on time.
Constant off time provides a number of advantages. Switch
duty cycle can be adjusted from 0 to 100% on a pulse by
pulse basis when responding to transient conditions. Both
0% and 100% duty cycle operation can be maintained for
extended periods of time in response to load or line tran-
sients. PWM slope compensation to avoid sub-harmonic
oscillations at high duty cycles is avoided.
Switch on time is limited by an internal 30µs timer, mini-
mizing stress to the power components.
Programmable Output
The CS5157 is designed to provide two methods for pro-
gramming the output voltage of the power supply. A five
bit on board digital to analog converter (DAC) is used to
program the output voltage within two different ranges.
The first range is 2.10V to 3.50V in 100mV steps, the second
is 1.30V to 2.05V in 50mV steps, depending on the digital
input code. If all five bits are left open, the CS5157 enters
adjust mode. In adjust mode, the designer can choose any
output voltage by using resistor divider feedback to the
VFB and VFFB pins, as in traditional controllers.
Start Up
Until the voltage on the VCC1 supply pin exceeds the 3.9V
monitor threshold, the soft start and gate pins are held low.
The FAULT latch is reset (no Fault condition). The output
of the error amplifier (COMP) is pulled up to 1V by the
comparator clamp. When the VCC1 pin exceeds the monitor
threshold, the GateH output is activated, and the soft start
capacitor begins charging. The GateH output will remain
on, enabling the NFET switch, until terminated by either
the PWM comparator, or the maximum on time timer.
If the maximum on time is exceeded before the regulator
output voltage achieves the 1V level, the pulse is terminat-
ed. The GateH pin drives low, and the GateL pin drives
high for the duration of the extended off time. This time is
set by the time out timer and is approximately equal to the
maximum on time, resulting in a 50% duty cycle. The
GateL pin will then drive low, the GateH pin will drive
high, and the cycle repeats.
When regulator output voltage achieves the 1V level pre-
sent at the COMP pin, regulation has been achieved and
Reference
Voltage
C
–
E
+
–
Ramp
Signal
Output
Voltage
Feedback
Error
Signal
VGATE(H)
VGATE(L)
Error
Amplifier
VFFB
COMP
VFB
PWM
Comparator
Theory of Operation
Applications Information
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com