Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5157 Datasheet(PDF) 13 Page - Cherry Semiconductor Corporation

Part # CS5157
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5157 Datasheet(HTML) 13 Page - Cherry Semiconductor Corporation

Back Button CS5157 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Figure 21: 5V to 3.3V/10A converter.
Figure 22: 5V to 3.3V/10A converter with current sharing.
Figure 23: 3.3V to 2.5V/7A converter with 12V bias.
0.33µF
VID0
VID1
VID2
VID3
VCC1
CS5157
COFF
VFB
VFFB
COMP
Si9410
Si9410
12V
+
+
5µH
2.5V/7A
VCC2
PGnd
3.3k
0.1µF
1200µF/10V x 5
AIEI
100pF
330pF
1µF
1200µF/10V x 3
AIEI
3.3V
SS
LGnd
VGATE(H)
VGATE(L)
VID4
MBRS
120
1200µF/10V x 3
AIEI
0.33µF
VID0
VID1
VID2
VID3
VCC1
CS5157
COFF
VFB
VFFB
COMP
Si9410
Si4410
1µF
5V
+
+
3µH
3.3V/10A
VCC2
PGnd
3.3k
0.1µF
1200µF/10V x 5
AIEI
100pF
330pF
0.1µF
1µF
MBRS120
MBRS120
10Ω
Remote
Sense
Connect to
other circuits for
current sharing
SS
LGnd
VGATE(H)
VGATE(L)
VID4
0.33µF
VID0
VID1
VID2
VID3
VCC1
CS5157
COFF
VFB
VFFB
COMP
Si9410DY
Si4410DY
1µF
5V
+
+
3µH
3.3V/10A
VCC2
PGnd
3.3k
0.1µF
1200µF/10V x 5
AIEI
100pF
330pF
0.1µF
1µF
MBRS120
MBRS120
1200µF/10V x 3
AIEI
SS
LGnd
VGATE(H)
VGATE(L)
VID4
MBRS
120
Additional Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com