Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5157 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS5157
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5157 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

Back Button CS5157 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 11Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Applications Information: continued
normal off time will ensue. The PWM comparator termi-
nates the switch on time, with off time set by the COFF
capacitor. The V2
TM control loop will adjust switch duty
cycle as required to ensure the regulator output voltage
tracks the output of the error amplifier.
The soft start and COMP capacitors will charge to their
final levels, providing a controlled turn on of the regulator
output. Regulator turn on time is determined by the COMP
capacitor charging to its final value. Its voltage is limited
by the soft start COMP clamp and the voltage on the soft
start pin (see Figures 2 and 3).
Figure 2: CS5157 demonstration board startup in response to increasing
12V and 5V input voltages. Extended off time is followed by normal off
time operation when output voltage achieves regulation to the error
amplifier output.
Figure 3: CS5157 demonstration board startup waveforms.
If the input voltage rises quickly, or the regulator output is
enabled externally, output voltage will increase to the level
set by the error amplifier output more rapidly, usually
within a couple of cycles (see Figure 4).
Figure 4: CS5157 demonstration board enable startup waveforms.
Normal Operation
During normal operation, switch off time is constant and
set by the COFF capacitor. Switch on time is adjusted by the
V2
TM control loop to maintain regulation. This results in
changes in regulator switching frequency, duty cycle, and
output ripple in response to changes in load and line.
Output voltage ripple will be determined by inductor rip-
ple current working into the ESR of the output capacitors
(see Figures 5 and 6).
Figure 5: Peak-to-peak ripple on VOUT = 2.8V, IOUT = 0.5A (light load).
Trace 1 - Regulator Output Voltage (10mV/div.)
Trace 2 - Inductor Switching Node (5V/div.)
Trace 1 - Regulator Output Voltage (5V/div.)
Trace 2 - Inductor Switching Node (5V/div.)
Trace 1 - Regulator Output Voltage (1V/div.)
Trace 3 - COMP Pin (error amplifier output) (1V/div.)
Trace 4 - Soft Start Pin (2V/div.)
Ch1 High
2.80V
Trace 1 - Regulator Output Voltage (1V/div.)
Trace 2 - Inductor Switching Node (2V/div.)
Trace 3 - 12V input (VCC1 and VCC2) (5V/div.)
Trace 4 - 5V Input (1V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com