Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5157 Datasheet(PDF) 11 Page - Cherry Semiconductor Corporation

Part # CS5157
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5157 Datasheet(HTML) 11 Page - Cherry Semiconductor Corporation

Back Button CS5157 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Information: continued
11
used as the source for the regulator output current, the fol-
lowing gate drive is provided;
VGATE(H) = 12V - 5V = 7V, VGATE(L) = 12V (see Figure 17).
Figure 17: CS5157 gate drive waveforms depicting rail to rail swing.
The most important aspect of MOSFET performance is
RDSON, which effects regulator efficiency and MOSFET
thermal management requirements.
The power dissipated by the MOSFETs may be estimated
as follows;
Switching MOSFET:
Power = ILOAD2 × RDSON × duty cycle
Synchronous MOSFET:
Power = ILOAD2 × RDSON × (1 - duty cycle)
Duty Cycle =
Off Time Capacitor (COFF)
The COFF timing capacitor sets the regulator off time:
TOFF = COFF × 4848.5
When the VFFB pin is less than 1V, the current charging the
COFF capacitor is reduced. The extended off time can be cal-
culated as follows:
TOFF = COFF × 24,242.5.
Off time will be determined by either the TOFF time, or the
time out timer, whichever is longer.
The preceding equations for duty cycle can also be used to
calculate the regulator switching frequency and select the
COFF timing capacitor:
COFF =
,
where:
Period =
Schottky Diode for Synchronous MOSFET
A Schottky diode may be placed in parallel with the syn-
chronous MOSFET to conduct the inductor current upon
turn off of the switching MOSFET to improve efficiency.
The CS5157 reference circuit does not use this device due to
it’s excellent design. Instead, the body diode of the syn-
chronous MOSFET is utilized to reduce cost and conducts
the inductor current. For a design operating at 200kHz or so,
the low non-overlap time combined with Schottky forward
recovery time may make the benefits of this device not
worth the additional expense (see Figure 6, channel 2). The
power dissipation in the synchronous MOSFET due to body
diode conduction can be estimated by the following equation:
Power = Vbd × ILOAD × conduction time × switching frequency
Where Vbd = the forward drop of the MOSFET body diode.
For the CS5157 demonstration board as shown in Figure 6;
Power = 1.6V × 13A × 100ns × 233kHz = 0.48W
This is only 1.3% of the 36.4W being delivered to the load.
Input and Output Capacitors
These components must be selected and placed carefully to
yield optimal results. Capacitors should be chosen to pro-
vide acceptable ripple on the input supply lines and regula-
tor output voltage. Key specifications for input capacitors
are their ripple rating, while ESR is important for output
capacitors. For best transient response, a combination of
low value/high frequency and bulk capacitors placed close
to the load will be required.
Output Inductor
The inductor should be selected based on its inductance,
current capability, and DC resistance. Increasing the induc-
tor value will decrease output voltage ripple, but degrade
transient response.
Thermal Considerations for Power MOSFETs and Diodes
In order to maintain good reliability, the junction tempera-
ture of the semiconductor components should be kept to a
maximum of 150°C or lower. The thermal impedance (junc-
tion to ambient) required to meet this requirement can be
calculated as follows:
Thermal Impedance =
TJUNCTION(MAX) - TAMBIENT
Power
Thermal Management
1
switching frequency
Period × (1 - duty cycle)
4848.5
VOUT + (ILOAD × RDSON OF SYNCH FET)
VIN + (ILOAD × RDSON OF SYNCH FET) - (ILOAD × RDSON OF SWITCH FET)
Trace 3 = VGATE(H) (10V/div.)
Math 1= VGATE(H) - 5VIN
Trace 4 = VGATE(L) (10V/div.)
Trace 2 = Inductor Switching Node (5V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com