Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5157 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS5157
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5157 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

Back Button CS5157 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 12Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Applications Information: continued
8
Figure 6: Peak-to-peak ripple on VOUT = 2.8V, IOUT = 13A (heavy load).
Transient Response
The CS5157 V2
TM control loop’s 100ns reaction time pro-
vides unprecedented transient response to changes in input
voltage or output current. Pulse by pulse adjustment of
duty cycle is provided to quickly ramp the inductor current
to the required level. Since the inductor current cannot be
changed instantaneously, regulation is maintained by the
output capacitor(s) during the time required to slew the
inductor current.
For best transient response, a combination of a number of
high frequency and bulk output capacitors are usually
used.
If the maximum on time is exceeded while responding to a
sudden increase in load current, a normal off time occurs to
prevent saturation of the output inductor.
Figure 7: CS5157 demonstration board response to a 0.5 to 13A load
pulse (output set for 2.8V).
Figure 8: CS5157 demonstration board response to 13A load turn on
(output set for 2.8V). Upon completing a normal off time, the V2
TM con-
trol loop immediately connects the inductor to the input voltage, pro-
viding 100% duty cycle. Regulation is achieved in less than 20µs.
Figure 9: CS5157 demonstration board response to 13A load turn off
(output set for 2.8V). V2
TM control topology immediately connects
inductor to ground, providing 0% duty cycle. Regulation is achieved in
less than 10µs.
VCC1 Monitor
To maintain predictable startup and shutdown characteris-
tics an internal VCC1 monitor circuit is used to prevent the
part from operating below 3.75V minimum startup. The
VCC1 monitor comparator provides hysteresis and guaran-
tees a 3.70V minimum shutdown threshold.
Protection and Monitoring Features
Trace1 - Regulator Output Voltage (100mV/div.)
Trace 2 - Inductor Switching Node (5V/div.)
Trace 3 - Output Current (13 to 0.5 Amps) (10A/div.)
Trace 1 - Regulator Output Voltage (100mV/div.)
Trace 2 - Inductor Switching Node (5V/div.)
Trace 3 - Output Current (0.5 to 13 Amps) (10A/div.)
Trace 1 - Regulator Output Voltage (100mV/div.)
Trace 3 - Regulator Output Current (10A/div.)
Trace1 - Regulator Output Voltage (10mV/div.)
Trace 2 - Inductor Switching Node (5V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com