Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5157 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS5157
Description  CPU 5-Bit Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5157 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS5157 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5157 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Applications Information: continued
12
A heatsink may be added to TO-220 components to reduce
their thermal impedance. A number of PC board layout
techniques such as thermal bias and additional copper foil
area can be used to improve the power handling capability
of surface mount components.
EMI Management
As a consequence of large currents being turned on and off
at high frequency, switching regulators generate noise as a
consequence of their normal operation. When designing for
compliance with EMI/EMC regulations, additional compo-
nents may be added to reduce noise emissions. These com-
ponents are not required for regulator operation and exper-
imental results may allow them to be eliminated. The input
filter inductor may not be required because bulk filter and
bypass capacitors, as well as other loads located on the
board will tend to reduce regulator di/dt effects on the cir-
cuit board and input power supply. Placement of the
power component to minimize routing distance will also
help to reduce emissions.
Figure 18: Filter components
Figure 19: Input Filter
Layout Guidelines
1. Place 12V filter capacitor next to the IC and connect
capacitor ground to pin 11 (PGnd).
2. Connect pin 11 (PGnd) with a separate trace to the
ground terminals of the 5V input capacitors.
3. Place fast feedback filter capacitor next to pin 8 (VFFB)
and connect it’s ground terminal with a separate, wide
trace directly to pin 14 (LGnd).
4. Connect the ground terminals of the Compensation
capacitor directly to the ground of the fast feedback filter
capacitor to prevent common mode noise from effecting
the PWM comparator.
5. Place the output filter capacitor(s) as close to the load as
possible and connect the ground terminal to pin 14 (LGnd).
6. Connect the VFB pin directly to the load with a separate
trace (remote sense).
7. Place 5V input capacitors close to the switching MOSFET
and synchronous MOSFET.
Route gate drive signals VGATE(H) (pin 10) and VGATE(L)
(pin 12 when used) with traces that are a minimum of 0.025
inches wide.
Figure 20: Layout Guidelines
15
To the negative terminal of the
input capacitors
100pF
VFFB
11
8
OFF TIME
5
SOFTSTART
VCC
0.1µF
To the negative terminal of the output capacitors
1.0µF
VCOMP
+
2µH
1200µF x 3/16V
33Ω
1000pF
2µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com