Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4220 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4220
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4220 Datasheet HTML 1Page - Cirrus Logic CS4220 Datasheet HTML 2Page - Cirrus Logic CS4220 Datasheet HTML 3Page - Cirrus Logic CS4220 Datasheet HTML 4Page - Cirrus Logic CS4220 Datasheet HTML 5Page - Cirrus Logic CS4220 Datasheet HTML 6Page - Cirrus Logic CS4220 Datasheet HTML 7Page - Cirrus Logic CS4220 Datasheet HTML 8Page - Cirrus Logic CS4220 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
24-Bit Stereo Audio Codec with 3V Interface
Features
l 100 dB Dynamic Range A/D Converters
l 100 dB Dynamic Range D/A Converters
l 105 dB DAC Signal-to-Noise Ratio (EIAJ)
l Analog Volume Control (CS4221 only)
l Differential Inputs / Outputs
l On-chip Anti-aliasing and Output Smoothing
Filters
l De-emphasis for 32, 44.1 and 48 kHz
l Supports Master and Slave Modes
l Single +5 V power supply
l On-Chip Crystal Oscillator
l 3 - 5 V Digital Interface
Description
The CS4220/1 is a highly integrated, high performance,
24-bit, audio codec providing stereo analog-to-digital
and stereo digital-to-analog converters using delta-sig-
ma conversion techniques. The device operates from a
single +5 V power supply, and features low power con-
sumption. Selectable de-emphasis filter for 32, 44.1, and
48 kHz sample rates is also included.
The CS4221 also includes an analog volume control ca-
pable of 113.5 dB attenuation in 0.5 dB steps. The
analog volume control architecture preserves dynamic
range during attenuation. Volume control changes are
implemented using a “soft” ramping or zero crossing
technique.
Applications include digital effects processors, DAT, and
multitrack recorders.
ORDERING INFORMATION
CS4220-KS
-10 to +70 °C
28-pin SSOP
CS4221-KS
-10 to +70 °C
28-pin SSOP
CDB4220/1
Evaluation Board
I
SCL/CCLK SDA/CDIN AD0/CS
MCLK
VD
VA
RST
LRCK
SCLK
SDIN
SDOUT
DGND
AGND
AOUTL+
AOUTL-
AOUTR+
AOUTR-
AINL-
AINL+
AINR-
AINR+
Control Port
Left
DAC
Right
DAC
Voltage
Reference
Left
ADC
Right
ADC
Volume
Control
(DIF1)(DIF0)(DEM0)
IC/SPI
(DEM1)
2
Clock OSC
() = CS4220
Volume
Control
VL
XTI
XTO
* =CS4221
*
*
APR ‘00
DS284PP3
CS4220
CS4221


Similar Part No. - CS4220

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
CS4222-BS CIRRUS-CS4222-BS Datasheet
616Kb / 29P
20-Bit Stereo Audio Codec with Volume Control
CS4222-DS CIRRUS-CS4222-DS Datasheet
616Kb / 29P
20-Bit Stereo Audio Codec with Volume Control
CS4222-KS CIRRUS-CS4222-KS Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
CS4222-KS CIRRUS-CS4222-KS Datasheet
616Kb / 29P
20-Bit Stereo Audio Codec with Volume Control
More results

Similar Description - CS4220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
Stereo audio codec with SPDIF interface
2003 Apr 10
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
Stereo audio interface with CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
logo
List of Unclassifed Man...
WAU8822YG ETC2-WAU8822YG Datasheet
942Kb / 2P
24-bit Stereo Audio Codec with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
24-bit Stereo Audio Codec with Speaker Driver
NAU8822A NUVOTON-NAU8822A Datasheet
3Mb / 91P
24-bit Stereo Audio Codec with Speaker Driver
NAU8822L NUVOTON-NAU8822L Datasheet
3Mb / 97P
24-bit Stereo Audio Codec with Speaker Driver
NAU88C22 NUVOTON-NAU88C22 Datasheet
3Mb / 101P
24-bit Stereo Audio Codec with Speaker Driver
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
24-bit Stereo Audio Codec with Speaker Driver
NAU88U22A NUVOTON-NAU88U22A Datasheet
2Mb / 96P
24-bit Stereo Audio Codec with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com