Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4220 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4220
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4220 Datasheet HTML 1Page - Cirrus Logic CS4220 Datasheet HTML 2Page - Cirrus Logic CS4220 Datasheet HTML 3Page - Cirrus Logic CS4220 Datasheet HTML 4Page - Cirrus Logic CS4220 Datasheet HTML 5Page - Cirrus Logic CS4220 Datasheet HTML 6Page - Cirrus Logic CS4220 Datasheet HTML 7Page - Cirrus Logic CS4220 Datasheet HTML 8Page - Cirrus Logic CS4220 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
CS4220 CS4221
2
DS284PP3
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS ........................................................................ 4
ANALOG CHARACTERISTICS ............................................................................................... 4
ABSOLUTE MAXIMUM RATINGS .......................................................................................... 6
RECOMMENDED OPERATING CONDITIONS ...................................................................... 6
SWITCHING CHARACTERISTICS ......................................................................................... 7
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE (CS4221) .................... 8
SWITCHING CHARACTERISTICS - CONTROL PORT - I2C MODE (CS4221) ..................... 9
2. TYPICAL CONNECTION DIAGRAM — CS4220 ................................................................... 10
3. TYPICAL CONNECTION DIAGRAM — CS4221 ................................................................... 11
4. REGISTER QUICK REFERENCE - CS4221 .......................................................................... 12
5. REGISTER DESCRIPTIONS - CS4221 .................................................................................. 13
5.1 ADC Control (address 01h) .............................................................................................. 13
5.1.1 Power Down ADC (PDN) ....................................................................................... 13
5.1.2 Left and Right channel High Pass Filter Defeat (HPDR-HPDL) ............................. 13
5.1.3 Left and Right Channel ADC Muting (ADMR-ADML) ............................................. 13
5.1.4 Calibration Control (CAL) ....................................................................................... 13
5.1.5 Calibration Status (CALP) (Read Only) .................................................................. 13
5.1.6 Clocking Error (CLKE) (Read Only) ....................................................................... 14
5.2 DAC Control (address 02h) .............................................................................................. 14
5.2.1 Mute on Consecutive Zeros (MUTC) ...................................................................... 14
5.2.2 Mute Control (MUTR-MUTL) .................................................................................. 14
5.2.3 Soft RAMP Control (SOFT) .................................................................................... 14
5.2.4 Soft RAMP Step Rate (RMP) ................................................................................. 15
5.3 Left Channel Output Attenuator Level (address 03h) ...................................................... 15
5.4 Right Channel Output Attenuator Level (address 04h) ................................................... 15
5.4.1 Attenuation level (ATT7-ATT0) ............................................................................... 15
5.5 DSP Port Mode (address 05h) ......................................................................................... 16
5.5.1 De-emphasis Control (DEM) .................................................................................. 16
5.5.2 Serial Input/Output Data SCLK Polarity Select (DSCK) ......................................... 16
5.5.3 Serial Data Output Format (DOF) .......................................................................... 16
5.5.4 Serial Data Input Format (DIF) ............................................................................... 16
5.6 Converter Status Report (Read Only) (address 06h) ....................................................... 17
5.6.1 Left and Right Channel Acceptance Bit (ACCR-ACCL) ......................................... 17
5.6.2 Left and Right Channel ADC Output Level (LVR and LVL) .................................... 17
5.7 Master Clock Control (address 07h) ................................................................................ 17
Contacting Cirrus Logic Support
For a complete listing of Direct Sales, Distributor, and Sales Representative contacts, visit the Cirrus Logic web site at:
http://www.cirrus.com/corporate/contacts/
I2C is a registered trademark of Philips Semiconductor.
SPI is a registered trademark of International Business Machines Corporation.
Preliminary product information describes products which are in production, but for which full characterization data is not yet available. Advance product infor-
mation describes products which are in development and subject to development changes. Cirrus Logic, Inc. has made best efforts to ensure that the infor-
mation contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided “AS IS” without
warranty of any kind (express or implied). No responsibility is assumed by Cirrus Logic, Inc. for the use of this information, nor for infringements of patents or
other rights of third parties. This document is the property of Cirrus Logic, Inc. and implies no license under patents, copyrights, trademarks, or trade secrets.
No part of this publication may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (electronic, mechanical, pho-
tographic, or otherwise) without the prior written consent of Cirrus Logic, Inc. Items from any Cirrus Logic website or disk may be printed for use by the user.
However, no part of the printout or electronic files may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (elec-
tronic, mechanical, photographic, or otherwise) without the prior written consent of Cirrus Logic, Inc.Furthermore, no part of this publication may be used as a
basis for manufacture or sale of any items without the prior written consent of Cirrus Logic, Inc. The names of products of Cirrus Logic, Inc. or other vendors
and suppliers appearing in this document may be trademarks or service marks of their respective owners which may be registered in some jurisdictions. A list
of Cirrus Logic, Inc. trademarks and service marks can be found at http://www.cirrus.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com