Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4220 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4220
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4220 Datasheet HTML 20Page - Cirrus Logic CS4220 Datasheet HTML 21Page - Cirrus Logic CS4220 Datasheet HTML 22Page - Cirrus Logic CS4220 Datasheet HTML 23Page - Cirrus Logic CS4220 Datasheet HTML 24Page - Cirrus Logic CS4220 Datasheet HTML 25Page - Cirrus Logic CS4220 Datasheet HTML 26Page - Cirrus Logic CS4220 Datasheet HTML 27Page - Cirrus Logic CS4220 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
CS4220 CS4221
24
DS284PP3
8.9
Memory Address Pointer (MAP)
8.9.1
AUTO-INCREMENT CONTROL (INCR)
Default = 0
0 - Disabled
1 - Enabled
8.9.2
REGISTER POINTER (MAP)
Default = 000
765
4321
0
INCR
Reserved
Reserved
Reserved
Reserved
MAP2
MAP1
MAP0
000
0000
0
CS
CCLK
CDIN
CHIP
ADDRESS
0010000
R/W
MAP
DATA
MSB
LSB
byte 1
byte n
MAP = Memory Address Pointer
Figure 6. Control Port Timing, SPI mode
SDA
SCL
001000
ADDR
AD0
R/W
ACK
DATA 1-8
ACK
DATA 1-8
ACK
Start
Stop
Figure 7. Control Port Timing, I2C mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com