Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4220 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4220
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4220 Datasheet HTML 12Page - Cirrus Logic CS4220 Datasheet HTML 13Page - Cirrus Logic CS4220 Datasheet HTML 14Page - Cirrus Logic CS4220 Datasheet HTML 15Page - Cirrus Logic CS4220 Datasheet HTML 16Page - Cirrus Logic CS4220 Datasheet HTML 17Page - Cirrus Logic CS4220 Datasheet HTML 18Page - Cirrus Logic CS4220 Datasheet HTML 19Page - Cirrus Logic CS4220 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
CS4220 CS4221
16
DS284PP3
5.5
DSP Port Mode (address 05h)
5.5.1
DE-EMPHASIS CONTROL (DEM)
Default = 00
00 - 44.1 kHz de-emphasis setting
01 - 48 kHz de-emphasis setting
10 - 32 kHz de-emphasis setting
11 - De-emphasis disabled
Function:
Selects the appropriate digital filter to maintain the standard 15
µs/50 µs digital de-emphasis filter re-
sponse at 32, 44.1 or 48 kHz sample rates, see Figure 15.
5.5.2
SERIAL INPUT/OUTPUT DATA SCLK POLARITY SELECT (DSCK)
Default = 0
0 - Data valid on rising edge of SCLK
1 - Data valid on falling edge of SCLK
Function:
This function selects the polarity of the SCLK edge used to clock data in and out of the serial audio
port.
5.5.3
SERIAL DATA OUTPUT FORMAT (DOF)
Default = 00
00 - I2S compatible
01 - Left justified
10 - Right justified, 24-bit
11 - Right justified, 20-bit
Function:
The required relationship between the left/right clock, serial clock and output serial data is defined by
the Serial Data Output Format, and the options are detailed in Figures 8-11.
Note: If the format selected is Right-Justified, SCLK must be 64 Fs when operating in slave mode.
5.5.4
SERIAL DATA INPUT FORMAT (DIF)
Default = 00
00 - I2S compatible
01 - Left justified
10 - Right justified, 24-bit
11- Right justified, 20-bit
Function:
The required relationship between the left/right clock, serial clock and input serial data is defined by
the Serial Data Input Format, and the options are detailed in Figures 8-11.
765
4321
0
Reserved
DEM1
DEM0
DSCK
DOF1
DOF0
DIF1
DIF0
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com