Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4220 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4220
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4220 Datasheet HTML 1Page - Cirrus Logic CS4220 Datasheet HTML 2Page - Cirrus Logic CS4220 Datasheet HTML 3Page - Cirrus Logic CS4220 Datasheet HTML 4Page - Cirrus Logic CS4220 Datasheet HTML 5Page - Cirrus Logic CS4220 Datasheet HTML 6Page - Cirrus Logic CS4220 Datasheet HTML 7Page - Cirrus Logic CS4220 Datasheet HTML 8Page - Cirrus Logic CS4220 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
CS4220 CS4221
DS284PP3
5
ANALOG CHARACTERISTICS (CONTINUED)
Notes: 5. The passband and stopband edges scale with frequency. For input word rates, Fs, other than 48 kHz,
the 0.01 dB passband edge is 0.4535x Fs and the stopband edge is 0.5465x Fs.
6. Digital filter characteristics.
7. Measurement bandwidth is 10 Hz to 3 Fs.
Parameter
Symbol
CS4220/1 - KS
Unit
Min
Typ
Max
Analog Output Characteristics - Minimum Attenuation, 10 k
Ω, 100 pF load; unless otherwise specified.
DAC Resolution
-
-
24
Bits
Signal-to-Noise, Idle-Channel Noise
(CS4221 only)
DAC
muted, A-weighted
97
105
-
dB
Dynamic Range
DAC not muted, A-weighted
DAC not muted, unweighted
95
92
100
97
-
-
dB
Total Harmonic Distortion
THD
-
0.003
-
%
Total Harmonic Distortion + Noise
THD+N
-
-92
-87
dB
Interchannel Isolation
(1 kHz)
-
90
-
dB
Interchannel Gain Mismatch
-
-
0.1
dB
Attenuation Step Size
All Outputs
0.35
0.5
0.65
dB
Programmable Output Attenuation Span
110
113.5
-
dB
Differential Offset Voltage
-
±10
-
mV
Common Mode Output Voltage
-
2.4
-
V
Full Scale Output Voltage
1.8
1.9
2.0
Vrms
Gain Drift
-
100
-
ppm/°
C
Out-of-Band Energy
Fs/2 to 2 Fs
-
-60
-
dBFs
Analog Output Load
Resistance
Capacitance
10
-
-
-
-
100
k
Ω
pF
Combined Digital and Analog Filter Characteristics
Frequency Response10 Hz to 20 kHz
-
±0.1
-
dB
Deviation from Linear Phase
-
±0.5
-
Degree
Passband: to 0.01 dB corner
(Notes 5 and 6)
0
-
21.8
kHz
Passband Ripple
(Note 6)
-
-
±0.01
dB
Stopband
(Notes 5 and 6)
26.2
-
-
kHz
Stopband Attenuation
(Note 7)
70
-
-
dB
Group Delay (Fs = Input Word Rate)
tgd
-16/Fs
-
s
Power Supply
Power Supply Current
VA
VD
VL
Total Power Down
-
-
-
-
46
9
3
0.4
60
20
5
-
mA
Power Supply Rejection Ratio
1 kHz
-
65
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com