Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4220 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4220
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4220 Datasheet HTML 13Page - Cirrus Logic CS4220 Datasheet HTML 14Page - Cirrus Logic CS4220 Datasheet HTML 15Page - Cirrus Logic CS4220 Datasheet HTML 16Page - Cirrus Logic CS4220 Datasheet HTML 17Page - Cirrus Logic CS4220 Datasheet HTML 18Page - Cirrus Logic CS4220 Datasheet HTML 19Page - Cirrus Logic CS4220 Datasheet HTML 20Page - Cirrus Logic CS4220 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
CS4220 CS4221
DS284PP3
17
5.6
Converter Status Report (Read Only) (address 06h)
5.6.1
LEFT AND RIGHT CHANNEL ACCEPTANCE BIT (ACCR-ACCL)
Default = 0
0 - Requested setting valid
1 - New setting loaded
Function:
The ACCR and ACCL bits indicate when a change in the Output Attenuator Level has occurred for
the left and right channels, respectively. The value will be high when a new setting is loaded into the
Output Attenuator Level registers. The value will return low when the requested attenuation setting
has taken effect.
5.6.2
LEFT AND RIGHT CHANNEL ADC OUTPUT LEVEL (LVR AND LVL)
Default = 000
000 - Normal output levels
001 - -6 dB level
010 - -5 dB level
011 - -4 dB level
100 - -3 dB level
101 - -2 dB level
110 - -1 dB level
111 - Clipping
Function:
The analog-to-digital converter is continually monitoring the peak digital signal output for both the left
and right channel, prior to the digital limiter. The maximum output value is stored in the LVL and LVR
bits. The LVL and LVR bits are ‘sticky’, so they are reset after each read is performed.
5.7
Master Clock Control (address 07h)
5.7.1
MASTER CLOCK CONTROL (MCK)
Default = 00
00 - XTI = 256 Fs for Master Mode
01 - XTI = 384 Fs for Master Mode
10 - XTI = 512 Fs for Master Mode
Function:
The MCK bits allow for control of the Master Clock, XTI, input frequency.
Note: These bits are not valid when operating in slave mode.
765
4321
0
ACCR
ACCL
LVR2
LVR1
LVR0
LVL2
LVL2
LVL0
000
0000
0
765
4321
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
MCK1
MCK0
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com