Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4360 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4360
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4360 Datasheet HTML 2Page - Cirrus Logic CS4360 Datasheet HTML 3Page - Cirrus Logic CS4360 Datasheet HTML 4Page - Cirrus Logic CS4360 Datasheet HTML 5Page - Cirrus Logic CS4360 Datasheet HTML 6Page - Cirrus Logic CS4360 Datasheet HTML 7Page - Cirrus Logic CS4360 Datasheet HTML 8Page - Cirrus Logic CS4360 Datasheet HTML 9Page - Cirrus Logic CS4360 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS4360
6
DS517PP1
Notes: 4. Filter response is guaranteed by design.
5. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 9 - 12) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
6. For Single-Speed Mode, the Measurement Bandwidth is .5465 Fs to 3 Fs.
For Double-Speed Mode, the Measurement Bandwidth is .577 Fs to 1.4 Fs.
7. De-emphasis is available only in Single-Speed Mode.
8. Refer to Figure 16.
StopBand Attenuation
(Note 6)
50
-
-
dB
Group Delay
tgd
-
9/Fs
-
s
Passband Group Delay Deviation
0 - 20 kHz
-
±0.36/Fs
-
s
De-emphasis Error (Relative to 1 kHz)
Fs = 32 kHz
Control Port Mode
Fs = 44.1 kHz
(Note 7)
Fs = 48 kHz
Fs = 32 kHz
Stand-Alone Mode
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
-
-
-
-
-
-
+.2/-.1
+.05/-.14
+0/-.22
+1.5/-0
+.05/-.14
+.2/-.4
dB
dB
dB
dB
dB
dB
Combined Digital and On-chip Analog Filter Response - Double-Speed Mode (Note 4)
Passband
(Note 5)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
.4621
.4982
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.1
-
0
dB
StopBand
.577
-
-
Fs
StopBand Attenuation
(Note 6)
55
-
-
dB
Group Delay
tgd
-
4/Fs
-
s
Passband Group Delay Deviation
0 - 20 kHz
-
±0.23/Fs
-
s
Combined Digital and On-chip Analog Filter Response - Quad-Speed Mode (Note 4)
Passband
(Note 5)
to -3 dB corner
0
-
.25
Fs
Frequency Response 10 Hz to 20 kHz
-0.7
-
0
dB
Group Delay
tgd
-
1.5/Fs
-
s
Parameters
Symbol
Min
Typ
Max
Units
Analog Output
Full Scale Output Voltage
0.60•VA 0.66•VA 0.72•VA
Vpp
Quiescent Voltage
VQ
-
0.5•VA
-VDC
Quiescent Pin External Load
IQ
--
TBD
VDC
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
AC-Load Resistance
(Note 8)
RL
3-
-
k
Ω
Load Capacitance
CL
--
100
pF
Output Impedance
ZOUT
-
100
-
Ω
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com