Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4360 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4360
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4360 Datasheet HTML 3Page - Cirrus Logic CS4360 Datasheet HTML 4Page - Cirrus Logic CS4360 Datasheet HTML 5Page - Cirrus Logic CS4360 Datasheet HTML 6Page - Cirrus Logic CS4360 Datasheet HTML 7Page - Cirrus Logic CS4360 Datasheet HTML 8Page - Cirrus Logic CS4360 Datasheet HTML 9Page - Cirrus Logic CS4360 Datasheet HTML 10Page - Cirrus Logic CS4360 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CS4360
DS517PP1
7
POWER AND THERMAL CHARACTERISTICS
Notes: 9. Current consumption is directly proportional to Fs. Typ and Max values are based on highest FS
10. ILC measured with no external loading on pin 12 (SDA).
11. Power down mode is defined as RST = Low with all clock and data lines held static.
12. Valid with the recommended capacitor values on FILT+ and VCM as shown in Figure 4.
DIGITAL CHARACTERISTICS (For -KS & -KZ parts T
A = -10 to +70°C; for -BS & -BZ parts TA = -40
to +85°C; VD = 2.0 V - 5.5 V, VLC = VLS = 1.8 V - 5.5 V)
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, All Supplies = 5 V
(Note 9)
All Supplies = 3 V
Interface current (Note 10)
power-down state (all supplies) (Note 11)
IA
ID
IA
ID
ILS
ILC
Ipd
-
-
-
-
-
-
-
22
25
21
14
0.002
0.002
0.016
-
-
-
-
-
-
-
mA
mA
mA
mA
mA
mA
mA
Power Dissipation
(Note 9)
All Supplies = 5 V
normal operation
power-down (Note 11)
All Supplies = 3 V
normal operation
power-down (Note 11)
-
-
-
-
235
0.080
105
0.048
TBD
-
TBD
-
mW
mW
mW
mW
Package Thermal Resistance
SOIC (-KS & -BS)
TSSOP (-KZ & -BZ)
θ
JA
θ
JC
θ
JA
θ
JC
-
-
-
-
TBD
TBD
TBD
TBD
-
-
-
-
°C/Watt
°C/Watt
°C/Watt
°C/Watt
Power Supply Rejection Ratio (1 kHz)
(Note 12)
(60 Hz)
PSRR
PSRR
-
-
60
40
-
-
dB
dB
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Serial Audio Data Port
Control Port
VIH
VIH
70%
70%
-
-
-
-
VLS
VLC
Low-Level Input Voltage
Serial Audio Data Port
Control Port
VIL
-
-
-
-
20%
20%
VLS
VLC
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
Maximum MUTEC Drive Current
-
3
-
mA
MUTEC High-Level Output Voltage
VOH
VA
V
MUTEC Low-Level Output Voltage
VOL
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com