Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4360 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4360
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4360 Datasheet HTML 26Page - Cirrus Logic CS4360 Datasheet HTML 27Page - Cirrus Logic CS4360 Datasheet HTML 28Page - Cirrus Logic CS4360 Datasheet HTML 29Page - Cirrus Logic CS4360 Datasheet HTML 30Page - Cirrus Logic CS4360 Datasheet HTML 31Page - Cirrus Logic CS4360 Datasheet HTML 32Page - Cirrus Logic CS4360 Datasheet HTML 33Page - Cirrus Logic CS4360 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CS4360
30
DS517PP1
LRCK
SCLK
Left Channel
Right Channel
SDINx
65 4 3210
987
15 14 13 12 11 10
10
65 43210
987
15 14 13 12 11 10
17 16
17 16
32 clocks
19 18
19 18
Figure 21. CS4360 Format 4 - Right Justified 20-bit Data
LRCK
SCLK
Left Channel
Right Channel
SDINx
6 54321 0
98 7
15 14 13 12 11 10
10
65 4 3 2 1 0
98 7
15 14 13 12 11 10
17 16
17 16
32 clocks
Figure 22. CS4360 Format 5 - Right Justified 18-bit Data
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 23. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com