Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4360 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4360
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4360 Datasheet HTML 19Page - Cirrus Logic CS4360 Datasheet HTML 20Page - Cirrus Logic CS4360 Datasheet HTML 21Page - Cirrus Logic CS4360 Datasheet HTML 22Page - Cirrus Logic CS4360 Datasheet HTML 23Page - Cirrus Logic CS4360 Datasheet HTML 24Page - Cirrus Logic CS4360 Datasheet HTML 25Page - Cirrus Logic CS4360 Datasheet HTML 26Page - Cirrus Logic CS4360 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
CS4360
DS517PP1
23
6. APPLICATIONS
6.1
Grounding and Power Supply
Decoupling
As with any high resolution converter, the CS4360
requires careful attention to power supply and
grounding arrangements to optimize performance.
Figure 4 shows the recommended power arrange-
ment with VA, VD, VLS and VLC connected to
clean supplies. Decoupling capacitors should be lo-
cated as close to the device package as possible. If
desired, all supply pins may be connected to the
same supply, but a decoupling capacitor should still
be placed on each supply pin.
6.2
Oversampling Modes
The CS4360 operates in one of three oversampling
modes based on the input sample rate. Mode selec-
tion is determined by the FM pins in Stand-Alone
mode or the FM bits in Control Port mode. Single-
Speed mode supports input sample rates up to 50
kHz and uses a 128x oversampling ratio. Double-
Speed mode supports input sample rates up to 100
kHz and uses an oversampling ratio of 64x. Quad-
Speed mode supports input sample rates up to 200
kHz and uses an oversampling ratio of 32x.
6.3
Recommended Power-up Sequence
1. Hold RST low until the power supply, master,
and left/right clocks are stable. In this state, the
control port is reset to its default settings and VQ
will remain low.
2. Bring RST high. The device will remain in a low
power state with VQ low and will initiate the
Stand-Alone power-up sequence. The control port
will be accessible at this time. If Control Port oper-
ation is desired, write the CPEN bit prior to the
completion of the Stand-Alone power-up se-
quence, approximately 512 LRCK cycles in Sin-
gle-Speed Mode (1024 LRCK cycles in Double-
Speed Mode, and 2048 LRCK cycles in Quad-
Speed Mode). Writing this bit will halt the Stand-
Alone power-up sequence and initialize the control
port to its default settings. The desired register set-
tings can be loaded while keeping the PDN bit set
to 1.
3. If Control Port Mode is selected via the CPEN
bit, set the PDN bit to 0 which will initiate the pow-
er-up sequence, which requires approximately
50 µS when the POPG bit is set to 0. If the POPG
bit is set to 1, see Section 6.4 for total power-up
timing.
6.4
Popguard® Transient Control
The CS4360 uses a novel technique to minimize
the effects of output transients during power-up
and power-down. This technique, when used with
external DC-blocking capacitors in series with the
audio outputs, minimizes the audio transients com-
monly produced by single-ended single-supply
converters.
When the device is initially powered-up, the audio
outputs, AOUTAx and AOUTBx, are clamped to
GND. Following a delay of approximately 1000
sample periods, each output begins to ramp toward
the quiescent voltage. Approximately 10,000
left/right clock cycles later, the outputs reach VQ
and audio output begins. This gradual voltage
ramping allows time for the external DC-blocking
capacitor to charge to the quiescent voltage, mini-
mizing the power-up transient.
To prevent transients at power-down, the device
must first enter its power-down state. When this oc-
curs, audio output ceases and the internal output
buffers are disconnected from AOUTAx and
AOUTBx. In their place, a soft-start current sink is
substituted which allows the DC-blocking capaci-
tors to slowly discharge. Once this charge is dissi-
pated, the power to the device may be turned off
and the system is ready for the next power-on.
To prevent an audio transient at the next power-on,
it is necessary to ensure that the DC-blocking ca-
pacitors have fully discharged before turning off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com