Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4360 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4360
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4360 Datasheet HTML 16Page - Cirrus Logic CS4360 Datasheet HTML 17Page - Cirrus Logic CS4360 Datasheet HTML 18Page - Cirrus Logic CS4360 Datasheet HTML 19Page - Cirrus Logic CS4360 Datasheet HTML 20Page - Cirrus Logic CS4360 Datasheet HTML 21Page - Cirrus Logic CS4360 Datasheet HTML 22Page - Cirrus Logic CS4360 Datasheet HTML 23Page - Cirrus Logic CS4360 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
CS4360
20
DS517PP1
5.
PIN DESCRIPTION
Pin Name
#
Pin Description
VLS
1
Serial Audio Interface Power (
Input) - Determines the required signal level for the serial audio inter-
face. Refer to the Recommended Operating Conditions for appropriate voltages. Applies to pins 2-7.
SDIN1
SDIN2
SDIN3
2
3
4
Serial Audio Data Input (
Input) - Input for two’s complement serial audio data. SDIN1 corresponds to
AOUT1x, SDIN2 corresponds to AOUT2x and SDIN3 corresponds to AOUT3x.
SCLK
5
Serial Clock (
Input) - Serial clock for the serial audio interface.
LRCK
6
Left / Right Clock (
Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line. The frequency of the left/right clock must be at the audio sample rate, Fs.
MCLK
7
Master Clock (
Input) - Clock source for the delta-sigma modulator and digital filters. Table 6 illustrates
several standard audio sample rates and the required master clock frequency.
VD
8
Digital Power (
Input) - Positive power supply for the digital section. Refer to the Recommended Operat-
ing Conditions for appropriate voltages.
GND
9
21
Ground (
Input) - Ground reference. Should be connected to analog ground.
RST
10
Reset (
Input) - The device enters a low power mode and all internal registers are reset to their default
settings when low. The control port cannot be accessed when Reset is low.
VLC
14
Control Port Interface Power (
Input) - Determines the required signal level for the control port and pro-
vides power for bidirectional control port pins. Refer to the Recommended Operating Conditions for
appropriate voltages. Applies to pins 10-13 and 15.
FILT+
16
Positive Voltage Reference (
Output) - Positive reference voltage for the internal sampling circuits.
Requires the capacitive decoupling to GND as shown in the Typical Connection Diagram.
Serial Audio Power
VLS
MUTEC1 Mute Control 1
Serial Data Input 1
SDIN1
AOUTA1 Analog Output A1
Serial Data Input 2
SDIN2
AOUTB1 Analog Output B1
Serial Data Input 3
SDIN3
MUTEC2 Mute Control 2
Serial Clock
SCLK
AOUTA2 Analog Output A2
Left/Right Clock
LRCK
AOUTB2 Analog Output B2
Master Clock
MCLK
VA
Analog Power
Digital Power
VD
GND
Ground
Ground
GND
AOUTA3 Analog Output A3
Reset
RST
AOUTB3 Analog Output B3
DIF1 / SCL/ CCLK DIF1/SCL/CCLK
MUTEC3 Mute Control 3
DIF0 / SDA / CDIN
DIF0/SDA/CDIN
VQ
Quiescent Voltage
Mode1 / AD0 / CS
M1/AD0/CS
FILT+
Positive Voltage Reference
Control Port Power
VLC
M2
Mode 2
1
2
3
4
5
6
7
8
9
10
11
12
5
1
2
6
24
23
22
21
20
19
18
17
16
15
14
13
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com