Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4360 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4360
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4360 Datasheet HTML 10Page - Cirrus Logic CS4360 Datasheet HTML 11Page - Cirrus Logic CS4360 Datasheet HTML 12Page - Cirrus Logic CS4360 Datasheet HTML 13Page - Cirrus Logic CS4360 Datasheet HTML 14Page - Cirrus Logic CS4360 Datasheet HTML 15Page - Cirrus Logic CS4360 Datasheet HTML 16Page - Cirrus Logic CS4360 Datasheet HTML 17Page - Cirrus Logic CS4360 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
CS4360
14
DS517PP1
4.
REGISTER DESCRIPTIONS
Note: All registers are read/write in Two-Wire mode and write only in SPI, unless otherwise noted.
4.1
Mode Control 1 (address 01h)
4.1.1
AUTO-MUTE (AMUTE)
Default = 1
0 - Disabled
1 - Enabled
Function:
The Digital-to-Analog converter output will mute following the reception of 8192 consecutive audio
samples of static 0 or -1. A single sample of non-static data will release the mute. Detection and
muting is done independently for each channel. The quiescent voltage on the output will be retained
and the Mute Control pin will go active during the mute period. The muting function is affected, similar
to volume control changes, by the Soft and Zero Cross bits in the Power and Muting Control register.
4.1.2
DIGITAL INTERFACE FORMAT (DIF)
Default = 000 - Format 0 (Left Justified, up to 24-bit data)
Function:
The required relationship between the Left/Right clock, serial clock and serial data is defined by the
Digital Interface Format and the options are detailed in Figures 17-22.
765
4321
0
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
FM1
FM0
100
0000
0
DIF2
DIF1
DIF0
DESCRIPTION
Format
FIGURE
000
Left Justified, up to 24-bit data,
017
001
I2S, up to 24-bit data
118
010
Right Justified, 16-bit data
219
011
Right Justified, 24-bit data
320
100
Right Justified, 20-bit data
421
101
Right Justified, 18-bit data
522
110
Reserved
111
Reserved
Table 1. Digital Interface Formats - Control Port Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com