Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring low/high side driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 5Page - STMicroelectronics L9733XP Datasheet HTML 6Page - STMicroelectronics L9733XP Datasheet HTML 7Page - STMicroelectronics L9733XP Datasheet HTML 8Page - STMicroelectronics L9733XP Datasheet HTML 9Page - STMicroelectronics L9733XP Datasheet HTML 10Page - STMicroelectronics L9733XP Datasheet HTML 11Page - STMicroelectronics L9733XP Datasheet HTML 12Page - STMicroelectronics L9733XP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
L9733
Operating conditions
Doc ID 11319 Rev 11
9/34
2.1.3
Operation at low battery condition
3.5 V
 V
bat  4.5 V (-40 °C  Tj  150 °C);
All outputs are able to keep the status in according to the commands on the SPI bus or the
PWM inputs. Switching commands entered via the SPI bus might not be executed by the
L9733 at low-battery condition. The SPI bus and the inputs are functional during the Low-
Battery condition.
2.1.4
Operation at load dump condition
27 V
 V
bat  40 V (-40 °C  Tj  150 °C)
There is not an internal circuit that switches OFF the drivers during load dump condition.
The over-temperature shutdown and over current protection of the device is not guaranteed
to stay functional during load dump condition.
2.1.5
Loss of protection against short to battery
When the battery supply voltage, Vbat (pin 14) is switched off during a short-to-battery
condition at a output in high-side configuration, the protection circuits are no longer
functional, and the L9733 may fail with EOS.
2.2
Absolute maximum ratings
This part may be irreparably damaged if taken outside the specified absolute maximum
ratings. Operation outside the absolute maximum ratings may also cause a decrease in
reliability.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.3 to 7
V
Vbat
Supply voltage
-0.3 to 40
V
CS,DI,DO,SCLK,EN,IN6,IN7,IN8,VDO
-0.3 to 7.0
V
SRCx pin
min. -24
VDC
Max. value of VSRCx = Minimum of {Vbat +1V ||| VDRNx+0,3 V ||| +40 V}
DRN1-8(1)
1.
For the DRNx the MAX ASB value is the Max Clamp Voltage (see Table 6 on page 13 - DRNx Clamp
voltage).
-0.3 to 60
VDC
IOL
Current limit of output 1-8 (-40 °C)
2.5
A
IOP
Over current protection at output 1-8 (-40 °C)
3
A
Maximum clamping energy
20
mj
ESD
Human body model - All pins
±2 (2)
2.
Device is only protected vs. GND.
kV
Human body model - Driver outputs
±4 (2)
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com