Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring low/high side driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 14Page - STMicroelectronics L9733XP Datasheet HTML 15Page - STMicroelectronics L9733XP Datasheet HTML 16Page - STMicroelectronics L9733XP Datasheet HTML 17Page - STMicroelectronics L9733XP Datasheet HTML 18Page - STMicroelectronics L9733XP Datasheet HTML 19Page - STMicroelectronics L9733XP Datasheet HTML 20Page - STMicroelectronics L9733XP Datasheet HTML 21Page - STMicroelectronics L9733XP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Functional description
L9733
18/34
Doc ID 11319 Rev 11
4
Functional description
L9733 integrates 8 self-configuring outputs (OUT1-8) which are able to drive either
incandescent lamps, inductive loads (non-pwm'd, in pwm is necessary an external diode to
reduce flyback power dissipation), or resistive loads biased to Vbat (low-side configuration)
or to GND (high-side configuration). These outputs can be enabled and disabled via the SPI
bus. Each of these outputs has a short circuit protection (with 0.8-2.4 Amps threshold)
selectable via SPI bus between a filtered switching OFF overcurrent protection or a linear
current limitation (default condition after power ON is switching OFF protection enabled).
An over-temperature protection as described in Section 2.1 is available for each outputs.
When a high-side configured output is commanded OFF after having been commanded ON,
the source voltage will go to (VGND - 15 V). This is due to the design of the circuitry and the
transconductance of the MOSFET. When a low-side configured output is commanded OFF
after having been commanded ON, the output voltage will rise to the internal zener clamp
voltage (50 VDC minimum) due to the flyback of the inductive load.
Outputs 1-8 are able to drive any combination of inductive loads or lamps at one time.
Inductive loads for the L9733 can range from 35mH to a maximum of 325 mH. The
recommended worst-case solenoid loads (at -40 °C) are calculated using a minimum
resistance of 40
 for each output. The maximum single pulse inductive load energy the
L9733 outputs is able to be safely handle is 20 mJ at -40 °C to 125 °C (Worst-case load of
325 mH and 40
).
4.1
Configurations for outputs 1-8
The drain and source pins for each output must be connected in one of the two following
configurations (see Figure 7).
4.1.1
Low-side drivers
When any combination of outputs 1-8 are connected in a low-side drive configuration the
source of the applicable output (Src1-8) shall be connected to ground. The drain of the
applicable output (Drn1-8) shall be connected to the low-side of the load.
4.1.2
High-side drivers
When any combination of outputs 1-8 are connected in a high-side drive configuration the
Drain of the applicable output (Drn1-8) shall be connected to Vbat. The source of the
applicable output (Src1-8) shall be connected to the high-side of the load.
4.2
Outputs 1-5
These five outputs can be used as either high or low-side drives. The room temperature
Rdson of these outputs is 0.7
. A current limited (100 µA max) voltage generator is
connected to Src 1-5 for open load and short to GND detection when a low-side configured
output is commanded OFF. Another current limited (100 µA max if VDrn 1-5 > 60 %Vbat,
280 µA max if VDrn 1-5 < 60 % Vbat) voltage generator is connected to Drn 1-5 for open
load and short to V bat detection when a high-side configured output is commanded OFF.
Drain pins of outputs 1-5 (Drn1-5) are connected to the drains of the N channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com