Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring low/high side driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 24Page - STMicroelectronics L9733XP Datasheet HTML 25Page - STMicroelectronics L9733XP Datasheet HTML 26Page - STMicroelectronics L9733XP Datasheet HTML 27Page - STMicroelectronics L9733XP Datasheet HTML 28Page - STMicroelectronics L9733XP Datasheet HTML 29Page - STMicroelectronics L9733XP Datasheet HTML 30Page - STMicroelectronics L9733XP Datasheet HTML 31Page - STMicroelectronics L9733XP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Fault operation
L9733
28/34
Doc ID 11319 Rev 11
–
On the rising edge (low to high transition) at the corresponding parallel input pin
(only for Outputs 6-8).
–
If the switching OFF protection is not active the On phase overcurrent protection is
a linear current limitation and no diagnosis is available.
The use of the IN6-8 pins for PWM control on the outputs 6-8 could generates bad
diagnostic behavior when the falling edge of CS happens a short time after the
falling edge of IN6-8 during the power MOS transient. Software filtering may be
needed to ignore fault signals during Drn6-8 transient after falling edge of IN6-8.
7.2.2
Latch mode
This diagnostic operating mode latches all faults when they happen.
1.
Open load
The diagnostic of open load is detected only in OFF condition sensing the Src1-8
output voltage. This fault is detected if the power drain voltage is inside the voltage
range limited by the two thresholds Vth_Vbat and Vth_GND for the filtering time Tfilt.
An internal current limited voltage regulator fixes the drain voltage inside the described
range when no load is connected.
2.
Short Circuit to Vb
The diagnostic of short circuit to Vbat is detected only in OFF condition sensing the
Src1-8 output voltage. This fault is detected if the power drain voltage is higher than the
Vth_Vbat threshold for the filtering time Tfilt.
3.
Overcurrent
The diagnostic of overcurrent is detected only in ON condition, if the switching OFF
protection of the channel is enabled (default), sensing the current level of the output
power transistor. If the output current has been above the short threshold Iovc for the
filtering time Tdel the output power is switched off and at the same time an overcurrent
fault is written in the fault register.
There are three possibilities to restart one output after the fault has occurred:
–
Automatically after a time Tres
–
On the rising edge of CS if two valid DI byte has been received and first the Output
Status in the command register is written with logic '0' and then with a logic “1” in
the following SPI cycle
–
On the rising edge (low to high transition) at the corresponding parallel input pin
(only for Outputs 6-8).
If the switching OFF protection is not active the On phase overcurrent protection is
a linear current limitation and no diagnosis is available.
If the power MOS transient, after a switching-off command, is longer than Tdel filtering time,
a bad diagnostic behavior happens and software filtering may be needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com