Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring low/high side driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 26Page - STMicroelectronics L9733XP Datasheet HTML 27Page - STMicroelectronics L9733XP Datasheet HTML 28Page - STMicroelectronics L9733XP Datasheet HTML 29Page - STMicroelectronics L9733XP Datasheet HTML 30Page - STMicroelectronics L9733XP Datasheet HTML 31Page - STMicroelectronics L9733XP Datasheet HTML 32Page - STMicroelectronics L9733XP Datasheet HTML 33Page - STMicroelectronics L9733XP Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
L9733
Application circuit
Doc ID 11319 Rev 11
31/34
8
Application circuit
Figure 10.
Optimized circuit layout to achieve proper EMI/ESD capability
VDD 5V
SPI
GND
All output C = 47nF ceramic
47…100nF
Ceramic
VBAT
DRNX
Module
Connector
Central ground plane (blue coloured)
47…100nF Ceramic
Voltage
Reg.
Positive ISO - pulse
protection
R1= 10...22
(EMI improvement)
Reverse polarity & neg. ISO -pulse protection
Battery
IN 6
IN 7
IN 8
VDD
RES
SCLK
DI
DO
CS
VDO
Capacitor impedance
Frequency
C1
VBAT supplies the floating charge pump. Filtering
capacitor C1 is important to achieve a proper EMI
performance. Impedance minimum should fit to
the critical frequency range. A series resistor to
VBAT can improve furthermore EMI performance.
VDD on/off for low
quiescent current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com