Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring low/high side driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 13Page - STMicroelectronics L9733XP Datasheet HTML 14Page - STMicroelectronics L9733XP Datasheet HTML 15Page - STMicroelectronics L9733XP Datasheet HTML 16Page - STMicroelectronics L9733XP Datasheet HTML 17Page - STMicroelectronics L9733XP Datasheet HTML 18Page - STMicroelectronics L9733XP Datasheet HTML 19Page - STMicroelectronics L9733XP Datasheet HTML 20Page - STMicroelectronics L9733XP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
L9733
Electrical performance characteristics
Doc ID 11319 Rev 11
17/34
Figure 3.
DO loading for disable time measurement
Figure 4.
Output loading for slew rate measurements
Figure 5.
SPI input/output timings
Figure 6.
SPI timing diagram
1 k
Vcc
DO
1 k
+5 V
1.0 V
4.0 V
0 V
DOdis
CS
DO
1 k
Vcc
DO
1 k
+5 V
1.0 V
4.0 V
0 V
DOdis
CS
DO
Vbat
Outputs 1-8
All Low Side Outputs must
meet the slew rate requirements
of this load condition
180
Outputs 1-8
All High Side Outputs must
meet the slew rate requirements
of this load condition
180
SCLKlm
SCLKhm
SCLKwid
SCLKfall
SCLKrise
SCLK
CSfall
CSrise
DIfall
DIrise
DOfall
DOrise
CS
DO
DI
10%
90%
10%
90%
90%
10%
10%
90%
SCLKlm
SCLKhm
SCLKwid
SCLKfall
SCLKrise
SCLK
CSfall
CSrise
DIfall
DIrise
DOfall
DOrise
CS
DO
DI
10%
90%
10%
90%
90%
10%
10%
90%
CS
SCLK
DO
DI
CS
lag
DO
dis
DO
a
DO
hm
DO
sum
FAULT LSB
FAULT MSB
DI LSB
DI MSB
DI
CS
lead
DI
hs
DI
sus
CS2SCLK
CS
SCLK
DO
DI
CS
lag
DO
dis
DO
a
DO
hm
DO
sum
FAULT LSB
FAULT MSB
DI LSB
DI MSB
DI
CS
lead
DI
hs
DI
sus
CS2SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com