Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring low/high side driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 9Page - STMicroelectronics L9733XP Datasheet HTML 10Page - STMicroelectronics L9733XP Datasheet HTML 11Page - STMicroelectronics L9733XP Datasheet HTML 12Page - STMicroelectronics L9733XP Datasheet HTML 13Page - STMicroelectronics L9733XP Datasheet HTML 14Page - STMicroelectronics L9733XP Datasheet HTML 15Page - STMicroelectronics L9733XP Datasheet HTML 16Page - STMicroelectronics L9733XP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
L9733
Electrical performance characteristics
Doc ID 11319 Rev 11
13/34
Vsrc1-8open
SRC1 – SRC8 open load
voltage (High-side)
DRN1 - DRN8
DRN1-8 = Vb, DI = AC00h
SCR1-8 = open
2.0
-
2.8
V
IDRN1limit -
IDRN8limit
DRN1 - DRN8
current limits
(low-side)
DI = ACFFh, DI = AAFFh
SRC1 – SRC8 = 0 VDC
DRN1 - DRN8 = 4.5 - 16 VDC
(Tamb > 0 °C)
(Tamb @ -40 °C)
1
1
-
2.2
2.5
A
A
IDRN1OVC-
IDRN8OVC
DRN1 - DRN8
overcurrent threshold
(low-side)
DI = AC00h, DI = AA00h SRC1 –
SRC8 = 0 VDC
DRN1 - DRN8 = 4.5 - 16 VDC
(Tamb > 0 °C)
(Tamb - 40 °C)
1
1
-
2.7
3
A
A
ISRC1limit-
ISRC8limit
SRC1 – SRC8
current limits
(high-side)
DI = ACFFh, DI = AAFFh
DRN1 - DRN8 = Vb
SRC1 – SRC8 = GND
(Tamb > 0 °C)
(Tamb - 40 °C)
1
1
-
2.2
2.5
A
A
ISRC1OVC-
ISRC8OVC
Overcurrent threshold
(high-side)
DRN1 - DRN8 = Vbat
SRC1 – SRC8 = GND
(Tamb > 0 °C)
(Tamb - 40 °C)
1
1
-
2.7
3
A
A
DRN1Cl+ -
DRN8Cl+
DRN1 - DRN8
Clamp voltages (low-side)
DI = AC00h
SRC1-8 = GND, IDRN1-8 = 350 mA
50
-
60
V
SRC1Cl+-
SRC8Cl+
SRC1 – SRC8
Clamp voltages (High-side)
DI = AC00h
DRN1-8 = Vbat, ISRC1-8 = -350 mA
-24
-
-14
V
VDrn1-8open
- DRN1-
8VthGND
Short to GND threshold
distance from open load
voltage (low-side)
SRC1 – SRC8 = GND:
Decrease Drn1 - Drn8 until Faults
are ”Set”
0.3
-
0.7
V
DRN1-
8VthVbat-
VDrn1-8open
DRN1 - DRN8
Short to Vbat threshold
distance from open load
voltage (low-side)
DI = AC00h
SRC1 – SRC8 = GND: Increase
Drn1 - Drn8 until Faults are ”Not
Set”
0.3
-
0.7
V
VDrn1-8open
- SRC1-
8VthGND
SRC1 - SRC8
Short to GND threshold
distance from open load
voltage (High-side)
DI = AC00h
Drn1 – Drn8 = Vb: Decrease SRC1
- SRC8 until Faults are ”Not Set”
0.2
-
0.6
V
SRC1-
8VthVbat-
VDrn1-8open
SRC1 – SRC8
Short to Vbat threshold
distance from open load
voltage (High-side)
DI = AC00h
Drn1 – Drn8 = Vbat: Increase
SCR1 - SCR8 until Faults are ”
Set”
0.2
-
0.6
V
Table 6.
DC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com