Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604ATR Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC5604ATR
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604ATR Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC5604ATR Datasheet HTML 6Page - Clare, Inc. CPC5604ATR Datasheet HTML 7Page - Clare, Inc. CPC5604ATR Datasheet HTML 8Page - Clare, Inc. CPC5604ATR Datasheet HTML 9Page - Clare, Inc. CPC5604ATR Datasheet HTML 10Page - Clare, Inc. CPC5604ATR Datasheet HTML 11Page - Clare, Inc. CPC5604ATR Datasheet HTML 12Page - Clare, Inc. CPC5604ATR Datasheet HTML 13Page - Clare, Inc. CPC5604ATR Datasheet HTML 14Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.clare.com
10
CPC5604
XXX
Table 4 - International Reference Design Bill of Materials
QTY.
Designation
Description
Manufacturer
Package Type
1
U1
CPC5604A
Clare
32 Lead SOIC
1
U4
CPC5601D
Clare
SO16
1
Q1
CPC5602C
Clare
SOT-223
1
R1
604k 1% Res.
Meritek
‘0603
1
R18
604 ohm 1% Res.
Meritek
‘0603
1
R2
200k 5% Res.
Meritek
‘0603
1
R4
1M 5% Res.
Meritek
0603
2
R3, R7
150k 5% Res.
Meritek
‘0603
2
R5, R6
1.5M 5% Res.
Meritek
‘1206
2
R11, R21
10 K 5% Res.
Meritek
‘0603
1
R12
402k 1% Res.
Meritek
‘0603
1
R15
100 ohm 5% Res.
Meritek
‘0603
2
R13, R14
806K 1% Res. 0.063W
Meritek
‘0603
1
R16
22.1 1% Res. 1/8W
Meritek
‘0603
1
R17
300 ohm 5% Res.
Meritek
‘0603
1
R10
10M 5% Res.
Meritek
‘0603
1
R19
12M 5% Res. 0.25W
Meritek
‘1206
1
R20
1.6M 5% Res.
Meritek
‘0805
1
R23
470 ohm 5% Res.
Meritek
‘0603
1
R24
8.2k 5% Res. 0.25W
Meritek
‘0603
5
R22, R29, R30, R31, R32
Open
-
‘0603
1
R25
590 ohm 5% Res.
Meritek
‘0603
1
R26
0 ohm Res.
Meritek
‘0603
1
R27
0 ohm Res.
Meritek
‘0603
1
R28
Open
-
‘0603
1
R33
12.1 ohm 1% Res.
Meritek
‘0603
1
R34
0 ohm 5% Res.
Meritek
‘0603
1
R36
4.7 ohm 5% Res 1/8W
Meritek
‘0603
5
C1, C2, C3, C4, C5
0.1 uf 50V 10% X7R
Tecate
‘0805
2
C6, C7
220 pf 2000V NPO 5%
Tecate
1808
1
C8
0.1uf 50V 10% X7R
Tecate
‘0805
1
C10
0.001uf 500V10% X7R
Tecate
1206
1
C11
0.47uf 25V Tant 10%
Panasonic
SMD
1
C14
.47uf 300V
Tecate
1812
1
C15
Open
-
‘0805
1
C16
0.0047uf 50V 10% X7R
Tecate
‘0805
1
C17
Open for future use
-
‘0805
1
C24
0.01uf 50V 10% X7R
Tecate
0805
1
SP1
Surge Protection
Teccor
D0-214AA
2
Z1, Z2
Zener 20V
Rohm
SOT-23
1
D1
Bridge Rectifier
Shindengen
N/A
1
D2
Diode BAS16
Rohm
SOT-23
53
TOTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com