Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604ATR Datasheet(PDF) 18 Page - Clare, Inc.

Part # CPC5604ATR
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604ATR Datasheet(HTML) 18 Page - Clare, Inc.

Back Button CPC5604ATR Datasheet HTML 14Page - Clare, Inc. CPC5604ATR Datasheet HTML 15Page - Clare, Inc. CPC5604ATR Datasheet HTML 16Page - Clare, Inc. CPC5604ATR Datasheet HTML 17Page - Clare, Inc. CPC5604ATR Datasheet HTML 18Page - Clare, Inc. CPC5604ATR Datasheet HTML 19Page - Clare, Inc. CPC5604ATR Datasheet HTML 20Page - Clare, Inc. CPC5604ATR Datasheet HTML 21Page - Clare, Inc. CPC5604ATR Datasheet HTML 22Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
www.clare.com
18
CPC5604
XXX
2 s
500ms
3 s
475ms
1ST RING
RING
CID
2ND RING
SINE WAVE
CALLER ID MESSAGE
2 s
Figure 3 Caller ID Protocol
This CID signal is then processed by the host and, after
processing, the host will deactivate the CID signal. At
this point the host can answer the call if desired by
asserting the OH pin on the LiteLinkTM. It’s important to
note that when the LiteLinkTM goes off-hook, it auto-
matically disconnects the snoop path from both the RX
and Ring outputs. Signals appearing on the telephone
line are now coupled through the optical isolation barri-
er in the LiteLinkTM and not via the capacitors in the
snoop path.
CID gain from Tip and Ring to Rx+ and Rx- is deter-
mined by:
Where f = CID signal frequency
For example, with RRXF = 75KW, RSNOOP = 1.4MW,
CS = 220pF, and f = 600Hz calculated GAIN = 0.707 or
a loss of -3dB at Rx+ and Rx-. This implies that the
snoop frequency response is 600Hz. Gain is expressed
in decibels by:
GAIN =
10 R
RXF
(R
SNOOP)
2 +
1
(2
πf C
S)
2
DC characteristics
The LiteLinkTM is designed to meet various country DC
characteristics including the CTR-21 standard. The pins
that control the VI characteristics and current limiting are
designated ZDC and DCS. Meeting DC requirements
are achieved by selecting the appropriate resistors R
ZDC
(R16) and R
DCS (R20) respectively. Resistor values can
also be switched in and out with the CPC5601device or
optocouplers which enables international compliance
under software control. Suggested resistor values for
various countries are listed in table 1. The VI profile on
Tip and Ring is described by the following equation:
V
LINE = VBRIDGE +
R
DCS+12MΩ
(R
DCS)
0.5V+ (I
LINE - 8mA)RZDC
Example: I
LINE = 20mA, VBRIDGE = 1.2V, RDCS =
1.69MW, R
ZDC = 8W, VLINE = 6.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com