Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604ATR Datasheet(PDF) 26 Page - Clare, Inc.

Part # CPC5604ATR
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604ATR Datasheet(HTML) 26 Page - Clare, Inc.

Back Button CPC5604ATR Datasheet HTML 22Page - Clare, Inc. CPC5604ATR Datasheet HTML 23Page - Clare, Inc. CPC5604ATR Datasheet HTML 24Page - Clare, Inc. CPC5604ATR Datasheet HTML 25Page - Clare, Inc. CPC5604ATR Datasheet HTML 26Page - Clare, Inc. CPC5604ATR Datasheet HTML 27Page - Clare, Inc. CPC5604ATR Datasheet HTML 28Page - Clare, Inc. CPC5604ATR Datasheet HTML 29Page - Clare, Inc. CPC5604ATR Datasheet HTML 30Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
www.clare.com
26
CPC5604
XXX
Snoop Mode Frequency Response
Figure 8A can be used as a reference test setup for this
test with the difference being that the DAA is now in the
on-hook mode. In the on-hook mode, the snoop circuit
Figure 8A Snoop Mode Frequency Response Setup
Figure 8B Snoop Mode Frequency Response At Rx±
+1
+0.8
+0.6
+0.4
+0.2
+0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
-1.6
-1.8
-2
-2.2
-2.4
-2.6
-2.8
-3
Gain
(dBm)
500
1K
1.5K
2K
Frequency (Hz)
2.5K
3K
3.5K
4K
LITELINK
TM
DAA Circuit
TIP
RING
IN1
IN2
AP1
Audio
Precision
Generator
RX+
RX-
Audio
Precision
System One
Analyzer
100K
600
V
V
RX
T/R
CID
path is the signal path from Tip and Ring to Rx through
the capacitive barrier CS instead of the optical path.
Snoop frequency response graph is shown in Figure 8B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com