Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604ATR Datasheet(PDF) 22 Page - Clare, Inc.

Part # CPC5604ATR
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604ATR Datasheet(HTML) 22 Page - Clare, Inc.

Back Button CPC5604ATR Datasheet HTML 18Page - Clare, Inc. CPC5604ATR Datasheet HTML 19Page - Clare, Inc. CPC5604ATR Datasheet HTML 20Page - Clare, Inc. CPC5604ATR Datasheet HTML 21Page - Clare, Inc. CPC5604ATR Datasheet HTML 22Page - Clare, Inc. CPC5604ATR Datasheet HTML 23Page - Clare, Inc. CPC5604ATR Datasheet HTML 24Page - Clare, Inc. CPC5604ATR Datasheet HTML 25Page - Clare, Inc. CPC5604ATR Datasheet HTML 26Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
www.clare.com
22
CPC5604
XXX
dB
Distortion
Figures 5A and 5C show the test setup for receive and
transmit distortion. Figures 5B and 5.D show the THD at
Figure 5A Receive Distortion Test Tip/Ring to Rx± Setup
Figure 5B Receive Distortion on Rx±
TIP
RING
500
10H
500
10H
48V
+
-
40mA Loop Current
IN1
IN2
AP1
Audio
Precision
Generator
-9dBm/
600Hz
RX+
RX-
Audio
Precision
System One
Analyzer
100K
600
LITELINK
TM
DAA Circuit
OH
470
uF
600Hz graphs for receive and transmit respectively.
Transmit signal for this test is set to -9dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com