Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604ATR Datasheet(PDF) 25 Page - Clare, Inc.

Part # CPC5604ATR
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604ATR Datasheet(HTML) 25 Page - Clare, Inc.

Back Button CPC5604ATR Datasheet HTML 21Page - Clare, Inc. CPC5604ATR Datasheet HTML 22Page - Clare, Inc. CPC5604ATR Datasheet HTML 23Page - Clare, Inc. CPC5604ATR Datasheet HTML 24Page - Clare, Inc. CPC5604ATR Datasheet HTML 25Page - Clare, Inc. CPC5604ATR Datasheet HTML 26Page - Clare, Inc. CPC5604ATR Datasheet HTML 27Page - Clare, Inc. CPC5604ATR Datasheet HTML 28Page - Clare, Inc. CPC5604ATR Datasheet HTML 29Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
CPC5604
www.clare.com
25
XXX
Return Loss
The return loss is a measure of impedance mismatch
between a terminating impedance (DAA) and a source
impedance (reference impedance). The AP measures
the return loss vs. frequency with the addition of the
bridge circuit show in Figure 7A. For this test, the refer-
Figure 7A Return Loss Test Setup
Figure 7B Return Loss
-10
-12
-14
-16
-18
-20
-22
-24
-26
-28
-30
-32
-34
-36
-38
-40
-42
-44
-46
-48
-50
500
1K
1.5K
2K
2.5K
3K
3.5K
4K
Frequency (Hz)
RL
(dBm)
+
-
Audio Precision System
One Analyzer
50
A
Audio
Precision
Generator
600
600
V
Z
LITELINK DAA Circuit
TIP
RING
500
10H
500
10H
48V
+
-
40mA Loop Current
0.1% Component tolerances should be used
for accurate measurements
*Note:
TM
X
REF
RL (dB) = 20 log
V X
V
GEN
-A+
+B-
GEN
V
OH
ence impedance is set by the 600
Ω nominal imped-
ance, Z
REF. The impedance that this is to be compared
to is across Tip and Ring connections. The AP sweeps
frequency and graphs frequency vs. return loss as
shown in Figure 7B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com