Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5604ATR Datasheet(PDF) 23 Page - Clare, Inc.

Part # CPC5604ATR
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604ATR Datasheet(HTML) 23 Page - Clare, Inc.

Back Button CPC5604ATR Datasheet HTML 19Page - Clare, Inc. CPC5604ATR Datasheet HTML 20Page - Clare, Inc. CPC5604ATR Datasheet HTML 21Page - Clare, Inc. CPC5604ATR Datasheet HTML 22Page - Clare, Inc. CPC5604ATR Datasheet HTML 23Page - Clare, Inc. CPC5604ATR Datasheet HTML 24Page - Clare, Inc. CPC5604ATR Datasheet HTML 25Page - Clare, Inc. CPC5604ATR Datasheet HTML 26Page - Clare, Inc. CPC5604ATR Datasheet HTML 27Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
CPC5604
www.clare.com
23
XXX
Frequency (Hz)
dB
Figure 5C Transmit Distortion Test Tx± to Tip/Ring Setup
TIP
RING
500
10H
500
10H
600
48V
+
-
40mA Loop Current
IN1
IN2
AP1
Audio
Precision
Generator
50
-3dBm/600Hz
TX+
TX-
Audio
Precision
System
One
Analyzer
LITELINK
TM
DAA Circuit
OH
Figure 5D Transmit Distortion on Tip/Ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com