Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2152 Datasheet(PDF) 70 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 70 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 66Page - Dallas Semiconductor DS2152 Datasheet HTML 67Page - Dallas Semiconductor DS2152 Datasheet HTML 68Page - Dallas Semiconductor DS2152 Datasheet HTML 69Page - Dallas Semiconductor DS2152 Datasheet HTML 70Page - Dallas Semiconductor DS2152 Datasheet HTML 71Page - Dallas Semiconductor DS2152 Datasheet HTML 72Page - Dallas Semiconductor DS2152 Datasheet HTML 73Page - Dallas Semiconductor DS2152 Datasheet HTML 74Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
DS2152
70 of 93
Each of the bit positions in the Transmit Transparency Registers (TTR1/TTR2/TTR3) represent a DS0
channel in the outgoing frame. When these bits are set to a 1, the corresponding channel is transparent (or
clear). If a DS0 is programmed to be clear, no robbed-bit signaling will be inserted nor will the channel
have Bit 7 stuffing performed. However, in the D4 framing mode, bit 2 will be overwritten by a 0 when a
Yellow Alarm is transmitted. Also, the user has the option to prevent the TTR registers from determining
which channels are to have Bit 7 stuffing performed. If the TCR2.0 and TCR1.3 bits are set to 1, then all
24 T1 channels will have Bit 7 stuffing performed on them regardless of how the TTR registers are
programmed. In this manner, the TTR registers are only affecting which channels are to have robbed-bit
signaling inserted into them. Please see Figure 15-11 for more details.
14.0 LINE INTERFACE FUNCTION
The line interface function in the DS2152 contains three sections; (1) the receiver which handles clock
and data recovery, (2) the transmitter which waveshapes and drives the T1 line, and (3) the jitter
attenuator. Each of these three sections is controlled by the Line Interface Control Register (LICR), which
is described below.
LICR: LINE INTERFACE CONTROL REGISTER (Address=7C Hex)
(MSB)
(LSB)
L2
L1
L0
EGL
JAS
JABDS
DJA
TPD
LICR
SYMBOL
POSITION
NAME AND DESCRIPTION
L2
LICR.7
Line Build Out Select Bit 2. Sets the transmitter build out; see
the Table 14-2
L1
LICR.6
Line Build Out Select Bit 1. Sets the transmitter build out; see
the Table 14-2
L0
LICR.5
Line Build Out Select Bit 0. Sets the transmitter build out; see
the Table 14-2
EGL
LICR.4
Receive Equalizer Gain Limit.
0 = -36 dB
1 = -30 dB
JAS
LICR.3
Jitter Attenuator Select.
0 = place the jitter attenuator on the receive side
1 = place the jitter attenuator on the transmit side
JABDS
LICR.2
Jitter Attenuator Buffer Depth Select
0 = 128 bits
1 = 32 bits (use for delay sensitive applications)
DJA
LICR.1
Disable Jitter Attenuator.
0 = jitter attenuator enabled
1 = jitter attenuator disabled
TPD
LICR.0
Transmit Power Down.
0 = normal transmitter operation
1 = powers down the transmitter and 3-states the TTIP and
TRING pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com