Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2152 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 18Page - Dallas Semiconductor DS2152 Datasheet HTML 19Page - Dallas Semiconductor DS2152 Datasheet HTML 20Page - Dallas Semiconductor DS2152 Datasheet HTML 21Page - Dallas Semiconductor DS2152 Datasheet HTML 22Page - Dallas Semiconductor DS2152 Datasheet HTML 23Page - Dallas Semiconductor DS2152 Datasheet HTML 24Page - Dallas Semiconductor DS2152 Datasheet HTML 25Page - Dallas Semiconductor DS2152 Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
DS2152
22 of 93
CCR1: COMMON CONTROL REGISTER 1 (Address=37 Hex)
(MSB)
(LSB)
TESE
ODF
RSAO
TSCLKM
RSCLKM
RESE
PLB
FLB
SYMBOL
POSITION
NAME AND DESCRIPTION
TESE
CCR1.7
Transmit Elastic Store Enable.
0 = elastic store is bypassed
1 = elastic store is enabled
ODF
CCR1.6
Output Data Format.
0 = bipolar data at TPOSO and TNEGO
1 = NRZ data at TPOSO; TNEGO = 0
RSAO
CCR1.5
Receive Signaling All 1s. This bit should not be enabled if
hardware signaling is being utilized. See Section 7 for more
details.
0 = allow robbed signaling bits to appear at RSER
1 = force all robbed signaling bits at RSER to 1
TSCLKM
CCR1.4
TSYSCLK Mode Select.
0 = if TSYSCLK is 1.544 MHz
1 = if TSYSCLK is 2.048 MHz
RSCLKM
CCR1.3
RSYSCLK Mode Select.
0 = if RSYSCLK is 1.544 MHz
1 = if RSYSCLK is 2.048 MHz
RESE
CCR1.2
Receive Elastic Store Enable.
0 = elastic store is bypassed
1 = elastic store is enabled
PLB
CCR1.1
Payload Loopback.
0 = loopback disabled
1 = loopback enabled
FLB
CCR1.0
Framer Loopback.
0 = loopback disabled
1 = loopback enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com