Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2152 Datasheet(PDF) 41 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 41 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 37Page - Dallas Semiconductor DS2152 Datasheet HTML 38Page - Dallas Semiconductor DS2152 Datasheet HTML 39Page - Dallas Semiconductor DS2152 Datasheet HTML 40Page - Dallas Semiconductor DS2152 Datasheet HTML 41Page - Dallas Semiconductor DS2152 Datasheet HTML 42Page - Dallas Semiconductor DS2152 Datasheet HTML 43Page - Dallas Semiconductor DS2152 Datasheet HTML 44Page - Dallas Semiconductor DS2152 Datasheet HTML 45Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
DS2152
41 of 93
MULTIFRAMES OUT OF SYNC COUNTING ARRANGEMENTS Table 5-3
FRAMING MODE
(CCR2.3)
COUNT MOS OR F-BIT
ERRORS (RCR2.0)
WHAT IS COUNTED
IN THE MOSCRs
D4
MOS
number of multiframes out of sync
D4
F-Bit
errors in the Ft pattern
ESF
MOS
number of multiframes out of sync
ESF
F-Bit
errors in the FPS pattern
6.0 DS0 MONITORING FUNCTION
The DS2152 has the ability to monitor one DS0 64kbps channel in the transmit direction and one DS0
channel in the receive direction at the same time. In the transmit direction the user will determine which
channel is to be monitored by properly setting the TCM0 to TCM4 bits in the CCR5 register. In the
receive direction, the RCM0 to RCM4 bits in the CCR6 register need to be properly set. The DS0
channel pointed to by the TCM0 to TCM4 bits will appear in the Transmit DS0 Monitor (TDS0M)
register and the DS0 channel pointed to by the RCM0 to RCM4 bits will appear in the Receive DS0
(RDS0M) register.
The TCM4 to TCM0 and RCM4 to RCM0 bits should be programmed with the decimal decode of the
appropriate T1 channel. For example, if DS0 channel 6 in the transmit direction and DS0 channel 15 in
the receive direction needed to be monitored, then the following values would be programmed into CCR5
and CCR6:
TCM4 = 0
RCM4 = 0
TCM3 = 0
RCM3 = 1
TCM2 = 1
RCM2 = 1
TCM1 = 0
RCM1 = 1
TCM0 = 1
RCM0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com