Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2152 Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 26Page - Dallas Semiconductor DS2152 Datasheet HTML 27Page - Dallas Semiconductor DS2152 Datasheet HTML 28Page - Dallas Semiconductor DS2152 Datasheet HTML 29Page - Dallas Semiconductor DS2152 Datasheet HTML 30Page - Dallas Semiconductor DS2152 Datasheet HTML 31Page - Dallas Semiconductor DS2152 Datasheet HTML 32Page - Dallas Semiconductor DS2152 Datasheet HTML 33Page - Dallas Semiconductor DS2152 Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
DS2152
30 of 93
4.0 STATUS AND INFORMATION REGISTERS
There is a set of nine registers that contain information on the current real time status of the DS2152,
Status Register 1 (SR1), Status Register 2 (SR2), Receive Information Registers 1 to 3
(RIR1/RIR2/RIR3) and a set of four registers for the onboard HDLC and BOC controller for the FDL.
The specific details on the four registers pertaining to the FDL are covered in Section 11.1, but they
operate the same as the other status registers in the DS2152 and this operation is described below.
When a particular event has occurred (or is occurring), the appropriate bit in one of these nine registers
will be set to a 1. All of the bits in SR1, SR2, RIR1, RIR2, and RIR3 registers operate in a latched
fashion. This means that if an event or an alarm occurs and a bit is set to a 1 in any of the registers, it will
remain set until the user reads that bit. The bit will be cleared when it is read and it will not be set again
until the event has occurred again (or in the case of the RBL, RYEL, LRCL, and RLOS alarms, the bit
will remain set if the alarm is still present). There are bits in the four FDL status registers that are not
latched and these bits are listed in Section 11.1.
The user will always proceed a read of any of the nine registers with a write. The byte written to the
register will inform the DS2152 which bits the user wishes to read and have cleared. The user will write a
byte to one of these registers, with a 1 in the bit positions he or she wishes to read and a 0 in the bit
positions he or she does not wish to obtain the latest information on. When a 1 is written to a bit location,
the read register will be updated with the latest information. When a 0 is written to a bit position, the read
register will not be updated and the previous value will be held. A write to the status and information
registers will be immediately followed by a read of the same register. The read result should be logically
AND’ed with the mask byte that was just written, and this value should be written back into the same
register to insure that bit does indeed clear. This second write step is necessary because the alarms and
events in the status registers occur asynchronously in respect to their access via the parallel port. This
write-read-write scheme allows an external microcontroller or microprocessor to individually poll certain
bits without disturbing the other bits in the register. This operation is key in controlling the DS2152 with
higher-order software languages.
The SR1, SR2, and FDLS registers have the unique ability to initiate a hardware interrupt via the INT
output pin. Each of the alarms and events in the SR1, SR2, and FDLS can be either masked or unmasked
from the interrupt pin via the Interrupt Mask Register 1 (IMR1), Interrupt Mask Register 2 (IMR2), and
FDL Interrupt Mask Register (FIMR) respectively. The FIMR register is covered in Section 11.1.
The interrupts caused by alarms in SR1 (namely RYEL, LRCL, RBL, and RLOS) act differently than the
interrupts caused by events in SR1 and SR2 (namely LUP, LDN, LOTC, RSLIP, RMF, TMF, SEC,
RFDL, TFDL, RMTCH, RAF, and RSC) and FIMR. The alarm caused interrupts will force the INT pin
low whenever the alarm changes state (i.e., the alarm goes active or inactive according to the set/clear
criteria in Table 4-2). The INT pin will be allowed to return high (if no other interrupts are present) when
the user reads the alarm bit that caused the interrupt to occur even if the alarm is still present.
The event caused interrupts will force the INT pin low when the event occurs. The INT pin will be
allowed to return high (if no other interrupts are present) when the user reads the event bit that caused the
interrupt to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com