Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2152 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 17Page - Dallas Semiconductor DS2152 Datasheet HTML 18Page - Dallas Semiconductor DS2152 Datasheet HTML 19Page - Dallas Semiconductor DS2152 Datasheet HTML 20Page - Dallas Semiconductor DS2152 Datasheet HTML 21Page - Dallas Semiconductor DS2152 Datasheet HTML 22Page - Dallas Semiconductor DS2152 Datasheet HTML 23Page - Dallas Semiconductor DS2152 Datasheet HTML 24Page - Dallas Semiconductor DS2152 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
DS2152
21 of 93
TCR2: TRANSMIT CONTROL REGISTER 2 (Address=36 Hex)
(MSB)
(LSB)
TEST1
TEST0
TZBTSI
TSDW
TSM
TSIO
TD4YM
TB7ZS
SYMBOL
POSITION
NAME AND DESCRIPTION
TEST1
TCR2.7
Test Mode Bit 1 for Output Pins. See Table 3-1.
TEST0
TCR2.6
Test Mode Bit 0 for Output Pins. See Table 3-1.
TZBTSI
TCR2.5
Transmit Side ZBTSI Enable.
0 = ZBTSI disabled
1 = ZBTSI enabled
TSDW
TCR2.4
TSYNC Double-Wide. (note: this bit must be set to 0 when
TCR2.3=1 or when TCR2.2=0)
0 = do not pulse double-wide in signaling frames
1 = do pulse double-wide in signaling frames
TSM
TCR2.3
TSYNC Mode Select.
0 = frame mode (see the timing in Section 15)
1 = multiframe mode (see the timing in Section 15)
TSIO
TCR2.2
TSYNC I/O Select.
0 = TSYNC is an input
1 = TSYNC is an output
TD4YM
TCR2.1
Transmit Side D4 Yellow Alarm Select.
0 = 0s in bit 2 of all channels
1 = a 1 in the S-bit position of frame 12
TB7ZS
TCR2.0
Transmit Side Bit 7 0 Suppression Enable.
0 = no stuffing occurs
1 = Bit 7 force to a 1 in channels with all 0s
OUTPUT PIN TEST MODES Table 3-1
TEST 1
TEST 0
EFFECT ON OUTPUT PINS
0
0
operate normally
0
1
force all output pins 3-state (including all I/O pins and parallel port pins)
1
0
force all output pins low (including all I/O pins except parallel port pins)
1
1
force all output pins high (including all I/O pins except parallel port pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com