Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2154 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 9Page - Dallas Semiconductor DS2154 Datasheet HTML 10Page - Dallas Semiconductor DS2154 Datasheet HTML 11Page - Dallas Semiconductor DS2154 Datasheet HTML 12Page - Dallas Semiconductor DS2154 Datasheet HTML 13Page - Dallas Semiconductor DS2154 Datasheet HTML 14Page - Dallas Semiconductor DS2154 Datasheet HTML 15Page - Dallas Semiconductor DS2154 Datasheet HTML 16Page - Dallas Semiconductor DS2154 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
DS2154
13 of 87
Receive Negative Data Input [RNEGI]. Sampled on the falling edge of RCLKI for data to be clocked
through the receive side framer. RPOSI and RNEGI can be tied together for a NRZ interface. Can be
internally connected to RNEGO by tying the LIUC pin high.
Receive Clock Input [RCLKI]. Clock used to clock data through the receive side framer. This pin is
normally tied to RCLKO. Can be internally connected to RCLKO by tying the LIUC pin high. RCLKI
must be present for the parallel control port to operate properly.
PARALLEL CONTROL PORT PINS
Interrupt [INT]. Flags host controller during conditions and change of conditions defined in the Status
Registers 1 and 2. Active low, open drain output.
3-State Control [Test]. Set high to 3-state all output and I/O pins (including the parallel control port). Set
low for normal operation. Useful in board level testing.
Bus Operation [MUX]. Set low to select non-multiplexed bus operation. Set high to select multiplexed
bus operation.
Data Bus [D0 to D7] or Address/Data Bus [AD0 to AD7]. In non-multiplexed bus operation (MUX=0),
serves as the data bus. In multiplexed bus operation (MUX=1), serves as a 8-bit multiplexed address /
data bus.
Address Bus [A0 to A6]. In non-multiplexed bus operation (MUX=0), serves as the address bus. In
multiplexed bus operation (MUX=1), these pins are not used and should be tied low.
Bus Type Select [BTS]. Strap high to select Motorola bus timing; strap low to select Intel bus timing.
This pin controls the function of the RD\(DS), ALE(AS), and WR\(R/W\) pins. If BTS=1, then these pins
assume the function listed in parenthesis ().
Read Input [ RD ] (Data Strobe [ DS ]). RD and DS are active low signals when MUX=11. DS is active
high when MUX = 0. See bus timing diagrams.
Chip Select [CS]. Must be low to read or write to the device. CS is an active low signal.
A7 or Address Latch Enable [ALE] (Address Strobe [AS]). In non-multiplexed bus operation
(MUX=0), serves as the upper address bit. In multiplexed bus operation (MUX=1), serves to demultiplex
the bus on a positive-going edge.
Write Input [WR] (Read/Write [R/W]). WR is an active low signal.
LINE INTERFACE PINS
Master Clock Input [MCLK]. 2.048 MHz (± 50 ppm) clock source with TTL levels is applied at this
pin. This clock is used internally for both clock/data recovery and for jitter attenuation. A quartz crystal
of 2.048 MHz may be applied across MCLK and XTALD instead of the TTL level clock source.
Quartz Crystal Driver [XTALD]. A quartz crystal of 2.048 MHz may be applied across MCLK and
XTALD instead of a TTL level clock source at MCLK. Leave open circuited if a TTL clock source is
applied at MCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com