Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2154 Datasheet(PDF) 35 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 35 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 31Page - Dallas Semiconductor DS2154 Datasheet HTML 32Page - Dallas Semiconductor DS2154 Datasheet HTML 33Page - Dallas Semiconductor DS2154 Datasheet HTML 34Page - Dallas Semiconductor DS2154 Datasheet HTML 35Page - Dallas Semiconductor DS2154 Datasheet HTML 36Page - Dallas Semiconductor DS2154 Datasheet HTML 37Page - Dallas Semiconductor DS2154 Datasheet HTML 38Page - Dallas Semiconductor DS2154 Datasheet HTML 39Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
DS2154
35 of 87
CRC4 SYNC COUNTER
The CRC4 Sync Counter increments each time the 8 ms CRC4 multiframe search times out. The counter
is cleared when the DS2154 has successfully obtained synchronization at the CRC4 level. The counter
can also be cleared by disabling the CRC4 mode (CCR1.0=0). This counter is useful for determining the
amount of time the DS2154 has been searching for synchronization at the CRC4 level. ITU G.706
suggests that if synchronization at the CRC4 level cannot be obtained within 400 ms, then the search
should be abandoned and proper action taken. The CRC4 Sync Counter will rollover.
SR1: STATUS REGISTER 1 (Address=06 Hex)
(MSB)
(LSB)
RSA1
RDMA
RSA0
RSLIP
RUA1
RRA
RCL
RLOS
SYMBOL
POSITION
NAME AND DESCRIPTION
RSA1
SR1.7
Receive Signaling All 1s / Signaling Change. Set when the
contents of timeslot 16 contains less than three 0s over 16
consecutive frames. This alarm is not disabled in the CCS
signaling mode. Both RSA1 and RSA0 will be set if a change in
signaling is detected.
RDMA
SR1.6
Receive Distant MF Alarm. Set when bit 6 of timeslot 16 in
frame 0 has been set for two consecutive multiframes. This
alarm is not disabled in the CCS signaling mode.
RSA0
SR1.5
Receive Signaling All 0s / Signaling Change. Set when over a
full MF, timeslot 16 contains all 0s. Both RSA1 and RSA0 will
be set if a change in signaling is detected.
RSLIP
SR1.4
Receive Side Elastic Store Slip. Set when the elastic store has
either repeated or deleted a frame of data.
RUA1
SR1.3
Receive Unframed All 1s. Set when an unframed all 1s code is
received at RPOSI and RNEGI.
RRA
SR1.2
Receive Remote Alarm. Set when a remote alarm is received at
RPOSI and RNEGI.
RCL
SR1.1
Receive Carrier Loss. Set when 255 (or 2048 if CCR3.0=1)
consecutive 0s have been detected at RTIP and RRING. [Note: a
test mode exists to allow the DS2154 to detect carrier loss at
RPOSI and RNEGI in place of detection at RTIP and RRING].
RLOS
SR1.0
Receive Loss of Sync. Set when the device is not synchronized
to the receive E1 stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com