Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2154 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 18Page - Dallas Semiconductor DS2154 Datasheet HTML 19Page - Dallas Semiconductor DS2154 Datasheet HTML 20Page - Dallas Semiconductor DS2154 Datasheet HTML 21Page - Dallas Semiconductor DS2154 Datasheet HTML 22Page - Dallas Semiconductor DS2154 Datasheet HTML 23Page - Dallas Semiconductor DS2154 Datasheet HTML 24Page - Dallas Semiconductor DS2154 Datasheet HTML 25Page - Dallas Semiconductor DS2154 Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
DS2154
22 of 87
Must be cleared and set again for a subsequent resync.
SYNC/RESYNC CRITERIA Table 3-1
FRAME OR MULTI-
FRAME LEVEL
SYNC CRITERIA
RESYNC CRITERIA
ITU SPEC.
FAS
FAS present in frame N and N +
2, and FAS not present in frame
N + 1
Three consecutive
incorrect FAS received
Alternate (RCR1.2=1)
the above criteria is met
or three consecutive
incorrect bit 2 of non-
FAS received
G.706
4.1.1
4.1.2
CRC4
Two valid MF alignment words
found within 8 ms
915 or more CRC4 code
words out of 1000
received in error
G.706
4.2 and 4.3.2
CAS
Valid MF alignment word found
and previous timeslot 16 contains
code other than all 0s
Two consecutive MF
alignment words
received in error
G.732
5.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com